Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R7 Datasheet(PDF) 11 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 11 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 15Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 400 page
background image
2 About this document
This document is organized into chapters that are based on the modules and peripherals available in the
IC. The relevant Product Specification version for each nRF9160 revision is described by the nRF9160
Compatibility Matrix.
2.1 Document status
The document status reflects the level of maturity of the document.
Document name
Description
Objective Product Specification (OPS)
Applies to document versions up to 1.0.
This document contains target specifications for
product development.
Product Specification (PS)
Applies to document versions 1.0 and higher.
This document contains final product
specifications. Nordic Semiconductor ASA reserves
the right to make changes at any time without
notice in order to improve design and supply the
best possible product.
Table 1: Defined document names
2.2 Peripheral chapters
Every peripheral has a unique capitalized name or an abbreviation of its name, e.g. TIMER, used for
identification and reference. This name is used in chapter headings and references, and it will appear
in the ARM Cortex Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer to
identify the peripheral.
The peripheral instance name, which is different from the peripheral name, is constructed using the
peripheral name followed by a numbered postfix, starting with 0, for example, TIMER0. A postfix is
normally only used if a peripheral can be instantiated more than once. The peripheral instance name is
also used in the CMSIS to identify the peripheral instance.
The chapters describing peripherals may include the following information:
• A detailed functional description of the peripheral
• Register configuration for the peripheral
• Electrical specification tables, containing performance data which apply for the operating conditions
described in Peripheral chapters on page 11.
4418_1315 v2.0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com