Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R7 Datasheet(PDF) 94 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 94 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 90Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 91Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 92Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 93Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 94Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 95Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-P RW
CH[i] (i=0..15)
Channel i enable clear register. Writing 0 has no effect.
Disabled
0
Read: Channel disabled
Enabled
1
Read: Channel enabled
Clear
1
Write: Disable channel
6.2.5.8 CHG[n] (n=0..5)
Address offset: 0x800 + (n × 0x4)
Channel group n
Note: Writes to this register are ignored if either SUBSCRIBE_CHG[n].EN or SUBSCRIBE_CHG[n].DIS is
enabled
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-P RW
CH[i] (i=0..15)
Include or exclude channel i
Excluded
0
Exclude
Included
1
Include
6.3 EGU — Event generator unit
Event generator unit (EGU) provides support for interlayer signaling. This means providing support for
atomic triggering of both CPU execution and hardware tasks, from both firmware (by CPU) and hardware
(by PPI). This feature can, for instance, be used for triggering CPU execution at a lower priority execution
from a higher priority execution, or to handle a peripheral's interrupt service routine (ISR) execution at a
lower priority for some of its events. However, triggering any priority from any priority is possible.
Listed here are the main EGU features:
• Software-enabled interrupt triggering
• Separate interrupt vectors for every EGU instance
• Up to 16 separate event flags per interrupt for multiplexing
Each instance of EGU implements a set of tasks which can individually be triggered to generate
the corresponding event, for example, the corresponding event for TASKS_TRIGGER[n] is
EVENTS_TRIGGERED[n]. See Instances on page 95 for a list of EGU instances.
4418_1315 v2.0
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com