Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16N90K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB16N90K5
Description  N-channel 900 V, 280 mΩ typ., 15 A MDmesh K5 Power MOSFET in a D²PAK package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16N90K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB16N90K5 Datasheet HTML 2Page - STMicroelectronics STB16N90K5 Datasheet HTML 3Page - STMicroelectronics STB16N90K5 Datasheet HTML 4Page - STMicroelectronics STB16N90K5 Datasheet HTML 5Page - STMicroelectronics STB16N90K5 Datasheet HTML 6Page - STMicroelectronics STB16N90K5 Datasheet HTML 7Page - STMicroelectronics STB16N90K5 Datasheet HTML 8Page - STMicroelectronics STB16N90K5 Datasheet HTML 9Page - STMicroelectronics STB16N90K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Figure 7. Typical gate charge characteristics
GADG300720191127QVG
700
600
500
400
300
200
100
0
14
12
10
8
6
4
2
0
0
6
12
18
24
30
36
VDS
(V)
VGS
(V)
Qg (nC)
VDD = 720 V, ID = 15 A
Qgs
Qgd
Qg
Figure 8. Typical capacitances vs voltage
GIPG231020180825CVR
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 9. Normalized threshold voltage vs temperature
GIPG221020181223VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
TJ (°C)
ID=250 μA
Figure 10. Normalized on-resistance vs temperature
GIPG221020181224RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
VGS = 10 V
TJ (°C)
Figure 11. Maximum avalanche energy vs temperature
GIPG231020180827EAS
360
300
240
180
120
60
0
-75
-25
25
75
125
EAS
(mJ)
TJ (°C)
ID = 5 A
VDD = 50 V
Single pulse
Figure 12. Typical source-drain diode characteristics
GIPG231020180825SDF
1.0
0.9
0.8
0.7
0.6
0.5
0.4
2
4
6
8
10
12
14
VSD
(V)
ISD (A)
TJ = -50 °C
TJ = 25 °C
TJ = 150 °C
STB16N90K5
Electrical characteristics (curves)
DS12802 - Rev 2
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com