Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16N90K5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STB16N90K5
Description  N-channel 900 V, 280 mΩ typ., 15 A MDmesh K5 Power MOSFET in a D²PAK package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16N90K5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STB16N90K5 Datasheet HTML 12Page - STMicroelectronics STB16N90K5 Datasheet HTML 13Page - STMicroelectronics STB16N90K5 Datasheet HTML 14Page - STMicroelectronics STB16N90K5 Datasheet HTML 15Page - STMicroelectronics STB16N90K5 Datasheet HTML 16Page - STMicroelectronics STB16N90K5 Datasheet HTML 17Page - STMicroelectronics STB16N90K5 Datasheet HTML 18Page - STMicroelectronics STB16N90K5 Datasheet HTML 19Page - STMicroelectronics STB16N90K5 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Revision history
Table 13. Document revision history
Date
Revision
Changes
23-Oct-2018
1
Initial release.
05-Aug-2019
2
Updated Section 2.1 Electrical characteristics (curves).
Minor text changes.
STB16N90K5
DS12802 - Rev 2
page 18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com