Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB78NF55-08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB78NF55-08
Description  N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB78NF55-08 Datasheet(HTML) 5 Page - STMicroelectronics

  STB78NF55-08 Datasheet HTML 1Page - STMicroelectronics STB78NF55-08 Datasheet HTML 2Page - STMicroelectronics STB78NF55-08 Datasheet HTML 3Page - STMicroelectronics STB78NF55-08 Datasheet HTML 4Page - STMicroelectronics STB78NF55-08 Datasheet HTML 5Page - STMicroelectronics STB78NF55-08 Datasheet HTML 6Page - STMicroelectronics STB78NF55-08 Datasheet HTML 7Page - STMicroelectronics STB78NF55-08 Datasheet HTML 8Page - STMicroelectronics STB78NF55-08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID029564 Rev 1
5/19
STB78NF55-08, STP78NF55-08
Electrical characteristics
19
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min
Typ. Max.
Unit
ISD
Source-drain current
-
80
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
320
A
VSD
Forward on voltage
ISD = 80 A, VGS = 0 V
-
1.5
V
trr
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Reverse recovery time
ISD = 80 A, VDD = 25 V,
di/dt = 100 A/µs
Tj = 150 °C
(Figure 15: Test circuit for
inductive load switching
and diode recovery times)
-80
ns
Qrr
Reverse recovery charge
-
230
nC
IRRM
Reverse recovery current
-
5.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com