Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB78NF55-08 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STB78NF55-08
Description  N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB78NF55-08 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STB78NF55-08 Datasheet HTML 11Page - STMicroelectronics STB78NF55-08 Datasheet HTML 12Page - STMicroelectronics STB78NF55-08 Datasheet HTML 13Page - STMicroelectronics STB78NF55-08 Datasheet HTML 14Page - STMicroelectronics STB78NF55-08 Datasheet HTML 15Page - STMicroelectronics STB78NF55-08 Datasheet HTML 16Page - STMicroelectronics STB78NF55-08 Datasheet HTML 17Page - STMicroelectronics STB78NF55-08 Datasheet HTML 18Page - STMicroelectronics STB78NF55-08 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DocID029564 Rev 1
15/19
STB78NF55-08, STP78NF55-08
Package information
19
Table 11. TO-220 type B package mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.30
4.60
b0.70
0.89
b1
1.19
1.35
c0.31
0.46
D
14.80
15.10
E
10.20
10.37
e2.54
e1
5.00
5.14
F1.21
1.32
H1
6.20
6.40
J1
2.66
L
13.70
14.00
L1
3.40
3.94
L20
15.87
øP
3.78
3.89
Q2.69
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com