Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB78NF55-08 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB78NF55-08
Description  N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB78NF55-08 Datasheet(HTML) 4 Page - STMicroelectronics

  STB78NF55-08 Datasheet HTML 1Page - STMicroelectronics STB78NF55-08 Datasheet HTML 2Page - STMicroelectronics STB78NF55-08 Datasheet HTML 3Page - STMicroelectronics STB78NF55-08 Datasheet HTML 4Page - STMicroelectronics STB78NF55-08 Datasheet HTML 5Page - STMicroelectronics STB78NF55-08 Datasheet HTML 6Page - STMicroelectronics STB78NF55-08 Datasheet HTML 7Page - STMicroelectronics STB78NF55-08 Datasheet HTML 8Page - STMicroelectronics STB78NF55-08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STB78NF55-08, STP78NF55-08
4/19
DocID029564 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0 V, ID = 250 μA55
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 55 V
1
µA
VGS = 0 V, VDS = 55 V,
@125 °C (1)
1.
Defined by design, not subject to production test
10
µA
IGSS
Gate-body leakage
current
VDS = 0 V
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS , ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 40 A
0.0065 0.008
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
gfs
(1)
1.
Pulsed: pulse duration=300 μs, duty cycle 1.5%
Forward transconductance
VDS= 15 V, ID = 18 A
-
40
-
S
Ciss
Input capacitance
VGS = 0 V, VDS = 25 V,
f = 1 MHz
3740
pF
Coss
Output capacitance
-
830
-
pF
Crss
Reverse transfer
capacitance
-265
-
pF
Qg
Total gate charge
VDD = 27 V, ID = 80 A,
VGS = 10 V,
(Figure 14: Gate charge test
circuit)
-
112
155
nC
Qgs
Gate-source charge
-
20
-
nC
Qgd
Gate-drain charge
-
40
-
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 27 V, ID = 40 A
RG =4.7 Ω, VGS = 10 V
(Figure 13: Switching times
test circuit for resistive load
and Figure 18: Switching
time waveform.)
-20
-
ns
tr
Rise time
-
110
-
ns
td(off)
Turn-off delay time
-
75
-
ns
tf
Fall time
-
35
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com