| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 188 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 188 Page - Freescale Semiconductor, Inc |
|
188 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 4-2 Freescale Semiconductor Reset, Clocking, and Initialization 4.2.1 System Control Signals Table 4-2 describes some of the system control signals of the MPC8540. Section 4.4.3, “Power-On Reset Configuration,” describes the signals that also function as reset configuration signals. Note that the CKSTP_IN and CKSTP_OUT signals are described in Chapter 18, “Global Utilities.” Table 4-2. System Control Signals—Detailed Signal Descriptions Signal I/ O Description HRESET I Hard reset. Causes the MPC8540 to abort all current internal and external transactions and set all registers to their default values. HRESET may be asserted completely asynchronously with respect to all other signals. State Meanin g Asserted/Negated—See Chapter 3, “Signal Descriptions,” and Section 4.4.3, “Power-On Reset Configuration,” for more information on the interpretation of the other MPC8540 signals during reset. Timing Assertion/Negation—The MPC8540 Integrated Processor Hardware Specifications gives specific timing information for this signal and the reset configuration signals. HRESET_RE Q O Hard reset request. Indicates to the board (system in which the MPC8540 is embedded) that a condition requiring the assertion of HRESET has been detected. State Meanin g Asserted—A watchdog timer, a RapidIO command, or a boot sequencer failure (see Section 11.4.5, “Boot Sequencer Mode”) has triggered a request for hard reset. Negated—Indicates no reset request Timing Assertion/Negation—May occur anytime, synchronous to the core complex bus clock. Once asserted, HRESET_REQ does not negate until HRESET is asserted. SRESET I Soft reset. Causes a machine check interrupt to the e500 core. Note that if the e500 core is not configured to process machine check interrupts, the assertion of SRESET causes a core checkstop. SRESET need not be asserted during a hard reset. State Meanin g Asserted—Asserting SRESET causes a machine check interrupt (edge sensitive) to the e500 core. SRESET has no effect while HRESET is asserted. However, the POR sequence is paused if SRESET is asserted during POR. Timing Assertion—May occur at any time, asynchronous to any clock Negation—Must be asserted for at least two CCB_clk cycles READY O Ready. Multiplexed with TRIG_OUT. See Chapter 20, “Debug Features and Watchpoint Facility,” for more information on TOSR and TRIG_OUT. State Meanin g Asserted—Indicates that the MPC8540 has completed the reset operation and is not in a power-down state (nap, doze or sleep) when TOSR[SEL] equals 0b000. See Section 4.4.2, “Power-On Reset Sequence,” for more information. Timing Assertion/Negation—Initial assertion of READY after reset is synchronous with SYSCLK. Subsequent assertion/negation due to power down modes occurs asynchronously. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |