Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435T-600FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # T435T-600FP
Description  4 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435T-600FP Datasheet(HTML) 1 Page - STMicroelectronics

  T435T-600FP Datasheet HTML 1Page - STMicroelectronics T435T-600FP Datasheet HTML 2Page - STMicroelectronics T435T-600FP Datasheet HTML 3Page - STMicroelectronics T435T-600FP Datasheet HTML 4Page - STMicroelectronics T435T-600FP Datasheet HTML 5Page - STMicroelectronics T435T-600FP Datasheet HTML 6Page - STMicroelectronics T435T-600FP Datasheet HTML 7Page - STMicroelectronics T435T-600FP Datasheet HTML 8Page - STMicroelectronics T435T-600FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
July 2014
DocID17632 Rev 3
1/9
T435T-600FP
4 A Snubberless™ Triac
Datasheet
- production data
Features
• High static and dynamic commutation
• Package is RoHS (2002/95/EC) compliant
• IGT = 35 mA
• ECOPACK®2 compliant component
• Provides UL certified insulation rate at
2.0 kV rms
Description
Available in through-hole package, the Triac
T435T-600FP is suitable for general purpose AC
switching.
Specially designed for power tool applications, it
can also be used to drive loads like motor speed
controller, and kitchen equipment such as electro
valves, light dimmers and similar.
TM: Snubberless is a trademark of STMicroelectronics
A2
G
A1
A1
TO-220FPAB
A2
G
www.st.com


Similar Part No. - T435T-600FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T435 600T STMICROELECTRONICS-T435 600T Datasheet
491Kb / 15P
4 A Triacs
14-Nov-2016
T435-400T STMICROELECTRONICS-T435-400T Datasheet
100Kb / 7P
HIGH PERFORMANCE TRIACS
Mar-1995
T435-600B STMICROELECTRONICS-T435-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T435-600B STMICROELECTRONICS-T435-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T435-600B JIEJIE-T435-600B Datasheet
662Kb / 6P
4A TRIACs
More results

Similar Description - T435T-600FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com