Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435T-600FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # T435T-600FP
Description  4 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435T-600FP Datasheet(HTML) 2 Page - STMicroelectronics

  T435T-600FP Datasheet HTML 1Page - STMicroelectronics T435T-600FP Datasheet HTML 2Page - STMicroelectronics T435T-600FP Datasheet HTML 3Page - STMicroelectronics T435T-600FP Datasheet HTML 4Page - STMicroelectronics T435T-600FP Datasheet HTML 5Page - STMicroelectronics T435T-600FP Datasheet HTML 6Page - STMicroelectronics T435T-600FP Datasheet HTML 7Page - STMicroelectronics T435T-600FP Datasheet HTML 8Page - STMicroelectronics T435T-600FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T435T-600FP
2/9
DocID17632 Rev 3
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
Tc = 105 °C
4
A
ITSM
Non repetitive surge peak on-state current (full
cycle sine wave, TJ initial = 25 °C)
F = 60 Hz
t = 16.7 ms
32
A
F = 50 Hz
t = 20 ms
30
I²tI²t Value for fusing
tp = 10 ms
6
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VDSM/VRSM Non repetitive surge peak off-state voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +125
°C
Table 2. Electrical characteristics, Snubberless (3 quadrants)
(Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
VD = 12 V RL = 30 Ω
I - II - III
MAX
35
mA
VGT
VD = 12 V RL = 30 Ω
I - II - III
MAX
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
I - II - III
MIN
0.2
V
IH
(2)
IT = 100 mA
MAX
35
mA
IL
IG = 1.2 x IGT
I - III
MAX
50
mA
II
MAX
80
dV/dt (2)
VD = 67% VDRM, gate open, Tj = 125 °C
MIN
750
V/µs
(dI/dt)c (2)
Without snubber, Tj = 125 °C
MIN
5.3
A/ms
Vins
Insulation rms voltage, 1 minute
2.0
kV
1.
Minimum IGT is guaranteed at 5% of IGT max.
2.
For both polarities of A2 pin referenced to A1 pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com