Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435T-600FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # T435T-600FP
Description  4 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435T-600FP Datasheet(HTML) 4 Page - STMicroelectronics

  T435T-600FP Datasheet HTML 1Page - STMicroelectronics T435T-600FP Datasheet HTML 2Page - STMicroelectronics T435T-600FP Datasheet HTML 3Page - STMicroelectronics T435T-600FP Datasheet HTML 4Page - STMicroelectronics T435T-600FP Datasheet HTML 5Page - STMicroelectronics T435T-600FP Datasheet HTML 6Page - STMicroelectronics T435T-600FP Datasheet HTML 7Page - STMicroelectronics T435T-600FP Datasheet HTML 8Page - STMicroelectronics T435T-600FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T435T-600FP
4/9
DocID17632 Rev 3
Figure 5. Relative variation of gate trigger
current, and gate trigger voltage versus
junction temperature
Figure 6. Relative variation of holding current
and latching current versus junction
temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,VGT[Tj]/ IGT,VGT[Tj=25 °C]
I
GT Q1-Q2
I
GT Q3
V
GT Q1-Q2-Q3
Tj(°C)
typical values
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
H,IL [Tj]/ IH,IL [Tj=25 °C]
Tj(°C)
typical values
Figure 7. Surge peak on-state current versus
number of cycles
Figure 8. Non-repetitive surge peak on-state
current for a sinusoidal
0
5
10
15
20
25
30
35
1
10
100
1000
Non repetitive
T
j initial=25 °C
Repetitive
T
C=105 °C
One cycle
t=20ms
I
TSM(A)
Number of cycles
1
10
100
1000
0.01
0.10
1.00
10.00
T
j initial=25 °C
dI/dt limitation: 50 A/µs
I
TSM
I²t
I
TSM(A), I²t (A²s)
tP(ms)
pulse t < 10 ms, and corresponding value of I t
p
2
Figure 9. On-state characteristics
(maximum values)
Figure 10. Relative variation of critical rate of
decrease of main current (dI/dt)c versus
junction temperature
1
10
100
01
23
45
67
T
j=25 °C
T
j=125 °C
T
j max :
V
to = 0.9 V
R
d = 100 mΩ
VTM(V)
I
TM(A)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
Tj(°C)
(dI/dt)
c [Tj]/ (dI/dt)c [Tj=125 °C]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com