Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435T-600FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # T435T-600FP
Description  4 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435T-600FP Datasheet(HTML) 3 Page - STMicroelectronics

  T435T-600FP Datasheet HTML 1Page - STMicroelectronics T435T-600FP Datasheet HTML 2Page - STMicroelectronics T435T-600FP Datasheet HTML 3Page - STMicroelectronics T435T-600FP Datasheet HTML 4Page - STMicroelectronics T435T-600FP Datasheet HTML 5Page - STMicroelectronics T435T-600FP Datasheet HTML 6Page - STMicroelectronics T435T-600FP Datasheet HTML 7Page - STMicroelectronics T435T-600FP Datasheet HTML 8Page - STMicroelectronics T435T-600FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID17632 Rev 3
3/9
T435T-600FP
Characteristics
9
Table 3. Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
ITM = 5.7 A, tp = 380 µs
Tj = 25 °C
MAX
1.6
V
VTO
(1)
Threshold voltage
Tj = 125 °C
MAX
0.9
V
RD
(1)
Dynamic resistance
Tj = 125 °C
MAX
100
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX
5µA
Tj = 125 °C
1
mA
1.
For both polarities of A2 pin referenced to A1 pin
Table 4. Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (ac)
4.3
°C/W
Rth(j-a)
Junction to ambient
60
Figure 1. Maximum power dissipation versus
rms on-state current (full cycle)
Figure 2. On-state current (rms) versus case
temperature (full cycle)
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
180°
P(W)
IT(RMS)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
α=180°
I
T(RMS)(A)
TC(°C)
Figure 3. On-state current (rms) versus ambient
temperature
(free air convection)
Figure 4. Relative variation of thermal
impedance versus pulse duration
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
α=180°
I
T(RMS)(A)
Tamb(°C)
K=[Z
th/Rth]
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a)
Z
th(j-c)
tP(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com