Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERDI Datasheet(PDF) 1 Page - Littelfuse

Part # ERDI
Description  Dedicated - Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ERDI Datasheet(HTML) 1 Page - Littelfuse

  ERDI Datasheet HTML 1Page - Littelfuse ERDI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/erdi
Rev: 1-A-061016
ERDI SERIES
Description
Econo-Timers are a combination of digital electronics and
an electromechanical relay. DPDT relay output for relay
logic circuits, and isolation of input to output voltages. For
applications, such as interval on, pulse shaping, minimum run
time, etc. The ERD Series is encapsulated to protect the
circuitry from shock, vibration and humidity.
Operation (Interval)
Upon application of input voltage, time delay begins, and output
relay energizes. At the end of time delay, output de-energizes
until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Operation (Single Shot)
Input voltage must be applied before and during timing. Upon
momentary or maintained closure of initiate switch, output
relay energizes for time delay. At the end of the delay, output
de-energizes. Opening or reclosing initiate switch during timing
has no affect on time delay. Output will energize if initiate switch
is closed when input voltage is applied.
Reset: Reset occurs when time delay is complete & initiate
switch is opened. Loss of input voltage resets time delay
and output.
Features & Benefits
FEATURES
BENEFITS
Digital integrated
circuitry
Repeat Accuracy + / - 0.5%,
Factory calibration +/ - 10%
Isolated, 10A, DPDT
output contacts
Allows control of loads for AC or DC voltages
Encapsulated
Protects against shock, vibration, and humidity
Accessories
P1004-16, P1004-16-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
ERDI436
120VAC
External
0.6 - 60s
ERDI6210
230VAC
Onboard
1 - 100m
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
2-3 & 7-6 are Normally Open Contacts (NO)
2-4 & 7-5 are Normally Closed Contacts (NC)
L1
N/L2
L1
N/L2
INTERVAL
SINGLE SHOT
L1
N/L2
L1
N/L2


Similar Part No. - ERDI

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
Carbon Film Re sis tors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
More results

Similar Description - ERDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
logo
Littelfuse
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSPU LITTELFUSE-KSPU Datasheet
435Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-062116
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com