Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5600 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 42Page - NXP Semiconductors FS5600 Datasheet HTML 43Page - NXP Semiconductors FS5600 Datasheet HTML 44Page - NXP Semiconductors FS5600 Datasheet HTML 45Page - NXP Semiconductors FS5600 Datasheet HTML 46Page - NXP Semiconductors FS5600 Datasheet HTML 47Page - NXP Semiconductors FS5600 Datasheet HTML 48Page - NXP Semiconductors FS5600 Datasheet HTML 49Page - NXP Semiconductors FS5600 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
used as ERRMON1/2, GPIO1/3 may be used to monitor an external signal on the
application that is indicative of an error outside the FS56. For example, ERRMON1 could
be connected to the PGOOD output of a PMIC and ERRMON2 could be connected to the
PGOOD of a secondary PMIC.
The ERRMON1/2 input is activated on entering the INIT_RUN state.
Once in the INIT_RUN state, the ERRMON1/2 pin is monitored to decide whether to the
transition to the NORMAL STATE.
Once in the NORMAL STATE a high or low on ERRMON1/2 (as selected by OTP), is
used to assert the FS0B pin as described below.
When OTP_ERRMON1/2_FLT_POL = 0, a low level on the ERRMON1/2 pin is detected
as a fault.
When OTP_ERRMON1/2_FLT_POL = 1, a high level on the ERRMON1/2 pin is detected
as a fault.
Upon detect of a fault, the ERRMONx_I bit is set in the FS5600. There is a
programmable timer (set by OTP_ERRMON1/2_ACK_TIME[1:0]) to allow the system
microcontroller to acknowledge the ERRMON fault.
The acknowledge is performed by writing 0b1 to the ERRMON1/2_I bit which in-turn
clears the bit.
If the ERRMON1/2_I bit is not cleared before the timer expires, the FS0B pin is asserted.
The below diagram shows an example of the ERRMON function.
aaa-037160
FS0B
INIT_RUN
NORMAL
INIT_RUN
MCU Acknowledgement
(via I2C)
FS0B asserted low due to
no acknowledgement until
timer expiry
ERRMONx
(applied externally)
Low level on ERRMONx detected as error
(OTP_ERRMONx_FLT_POL = 0)
Figure 17. Low-level ERRMONx detected as error
OTP_ERRMON1_ACK_TIME[1:0]
OTP_ERRMON2_ACK_TIME[1:0]
Acknowledge timer
00
1 ms
01
8 ms
10
16 ms
11
32 ms
Table 44. ERRMON acknowledge timer selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
46 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com