Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5600 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 7Page - NXP Semiconductors FS5600 Datasheet HTML 8Page - NXP Semiconductors FS5600 Datasheet HTML 9Page - NXP Semiconductors FS5600 Datasheet HTML 10Page - NXP Semiconductors FS5600 Datasheet HTML 11Page - NXP Semiconductors FS5600 Datasheet HTML 12Page - NXP Semiconductors FS5600 Datasheet HTML 13Page - NXP Semiconductors FS5600 Datasheet HTML 14Page - NXP Semiconductors FS5600 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Parameter
Symbol
Min
Typical Max
Units
Peak current limit
OTP_SW1_ILIM_SEL[1:0] = 00
OTP_SW1_ILIM_SEL[1:0] = 01
OTP_SW1_ILIM_SEL[1:0] = 10
OTP_SW1_ILIM_SEL[1:0] = 11
SW1ILIM
 
1.5
3
3.8
5
 
2.5
4.1
4.9
6.5
 
3.5
5.2
6.5
8
A
High side MOSFET RDS(on)
(Vin = 12 V, VCC = 5 V, ID = 2.5 A), including bondwires
HSRDS(ON) —
105
—
mΩ
Low side MOSFET RDS(on)
(Vin = 12 V, VCC = 5 V, ID = 2.5 A), including bondwires
LSRDS(ON) —
46
—
mΩ
EN1 pin rising threshold
EN1RTH
1.4
—
—
V
EN1 pin falling threshold
EN1FTH
—
—
0.95
V
SW1 monitor over voltage threshold (% of nominal)
—
5
—
15
%
SW1 monitor under voltage threshold (% of nominal)
—
–15
—
–5
%
SW1 monitoring hysteresis (measured at mid-point of resistor divider)
—
—
5
—
mV
SW1 monitoring debounce
—
—
40
—
us
Table 8. SW1 electrical specifications...continued
11.2 SW1 external component selection
Table 9 provides the recommended external components for the SW1 regulator.
Components
Switching frequency < 1 MHz
Switching frequency > 1 MHz
Inductor
6.8 µH
1.5 µH
Output Capacitor
2 x 22 µF to 5 x 22 µF X5R/X7R
2 x 22 µF to 5 x 22 µF X5R/X7R
Bootstrap Capacitor
0.1 µF
0.1 µF
Input Capacitor
2 x 10 µF X5R/X7R
1 x 10 µF X5R/X7R
Table 9. SW1 external component selection
See Section 14.4 for switching frequency selection.
11.3 SW1 operation
SW1 is a peak current mode controlled regulator with internal current sense. It integrates
low Rds(on) N-FETs for high efficiency and low solution cost.
11.3.1 Output voltage selection
The output voltage of SW1 may be set via OTP using the OTP_SW1_VOLT[7:0] bits.
OTP_SW1_VOLT[7] = 0b0 sets the output voltage using an internal resistor divider via
OTP. Connect the SW1FB pin directly to the output voltage in this case.
OTP_SW1_VOLT[7] = 0b1 allows using an external resistor divider to set the output
voltage. In this case, connect the SW1FB pin to the output voltage via a resistor
divider. The gain of the resistor divider sets the output voltage as shown in Figure 7.
Set R1 = 10 kΩ and calculate R2 such that VOUT × [ R2 / (R1 + R2) ] = 1 V. Ensure
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
11 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com