Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5600 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 65Page - NXP Semiconductors FS5600 Datasheet HTML 66Page - NXP Semiconductors FS5600 Datasheet HTML 67Page - NXP Semiconductors FS5600 Datasheet HTML 68Page - NXP Semiconductors FS5600 Datasheet HTML 69Page - NXP Semiconductors FS5600 Datasheet HTML 70Page - NXP Semiconductors FS5600 Datasheet HTML 71Page - NXP Semiconductors FS5600 Datasheet HTML 72Page - NXP Semiconductors FS5600 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
18.1.3 SW2CTRL register
Bit
Symbol
Description
2
SW2_EN
Switcher enable. Applied to the switcher only when SW2_EN =
NOT(NOT_SW2_EN).
1b'0 — Disable SW2.
1b'1 — SW2 Enabled provided EN2 is high.
Reset Condition — POR
1 to 0
SW2_MODE[1:0]
SW2 Operating mode. Applied to the switcher only when SW2_
MODE[1:0] = NOT(NOT_SW2_MODE[1:0]).
2b'00 — SW2 in PFM Mode.
2b'01 — Reserved.
2b'10 — Reserved.
2b'11 — SW2 in PWM Mode.
Reset Condition — POR
Table 58. SW2CTRL register description
18.1.4 NOT_SW2CTRL register
Bit
Symbol
Description
2
NOT_SW2_EN
Switcher enable. Applied to the switcher only when SW2_EN =
NOT(NOT_SW2_EN).
1b'0 — See SW2_EN in SW2CTRL register.
1b'1 — See SW2_EN in SW2CTRL register.
Reset Condition — POR
1 to 0
NOT_SW2_MODE[1:0]
SW2 Operating mode. Applied to the switcher only when SW2_
MODE[1:0] = NOT(NOT_SW2_MODE[1:0]).
2b'00 — See SW2_MODE[1:0] in SW2CTRL register.
2b'01 — See SW2_MODE[1:0] in SW2CTRL register.
2b'10 — See SW2_MODE[1:0] in SW2CTRL register.
2b'11 — See SW2_MODE[1:0] in SW2CTRL register.
Reset Condition — POR
Table 59. NOT_SW2CTRL register description
18.1.5 GPIO_CTRL register
Bit
Symbol
Description
8
MODE_RT
SYNCIN_MODE input state (after deglitcher).
1b'0 — SYNCIN_MODE pin is low.
1b'1 — SYNCIN_MODE pin is high.
Reset Condition — POR
5
GPIO3_RT
GPIO3 input state (after deglitcher).
1b'0 — GPIO3 pin is low.
1b'1 — GPIO3 pin is high.
Reset Condition — POR
Table 60. GPIO_CTRL register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
69 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com