Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5600 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 51Page - NXP Semiconductors FS5600 Datasheet HTML 52Page - NXP Semiconductors FS5600 Datasheet HTML 53Page - NXP Semiconductors FS5600 Datasheet HTML 54Page - NXP Semiconductors FS5600 Datasheet HTML 55Page - NXP Semiconductors FS5600 Datasheet HTML 56Page - NXP Semiconductors FS5600 Datasheet HTML 57Page - NXP Semiconductors FS5600 Datasheet HTML 58Page - NXP Semiconductors FS5600 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.13.1 Shut-down mode
This is the state of the FS5600 when a valid VIN is applied, but EN1 and EN2 pins are
held low.
From one of the operation modes, (INIT_RUN/NORMAL STATE/On Demand ABIST,
Deep Fail-Safe), when EN1 and EN2 = 0, the IC enters the shut-down mode through the
'Power Down' state.
When entering the shut-down mode from INIT_RUN, NORMAL STATE or on-demand
ABIST states, the FS5600 sequences the GPOs in the reverse order of the power-up at
the appropriate time. See Section 17.13.8 for details.
For example, if OTP_GPO1_DELAY is set to 1 ms, and OTP_GPO2_DELAY is set to 5
ms:
• When EN1 = EN2 = 0, GPO2 is asserted low immediately, 4 ms after which GPO1 is
asserted low, 1 ms after which SW1 and SW2 regulators are disabled.
• FS0B is asserted low immediately after NORMAL STATE is exited.
17.13.2 Built-in self-test (BIST)
Analog Built-in self-test (ABIST) and logical built-in self-test (LBIST) are executed in this
state if enabled. This state is bypassed if both are disabled.
17.13.3 Power-up
SW1, SW2, and the various GPOs in FS5600 are powered up in this state. SW1 and
SW2 are enabled after exiting BIST or thermal shutdown and if their respective ENx
pin is held high. The power-up state exits upon completion of the highest delay among
OTP_GPO1_DELAY[2:0], OTP_GPO2_DELAY[2:0] and OTP_GPO3_DELAY[2:0].
The OTP_PGOOD1_DELAY[2:0] and OTP_PGOOD2_DELAY[2:0] timers run in parallel
to the GPO timers and do not need to expire to exit the power-up state. PGOOD1 and
PGOOD2 may be released high even in the INIT_RUN state.
17.13.4 Power-up in Debug Mode
The FS5600 offers a Debug Mode of operation that is useful during system bring up and/
or development. When in Debug Mode, the following restrictions are in place:
• Deep Fail-Safe transition is disabled
• Watchdog window duration is set to infinite
To power up in Debug Mode, apply VDDOTP_GPIO1 = 8 V before EN1 or EN2 go high
or before VIN is applied. In this condition, the FS5600 pauses power-up and waits for
VDDOTP_GPIO1 < 1 V before continuing to power up in Debug Mode. Ensure that there
is board-level isolation on the VDDOTP_GPIO1 bus if the GPIO1 function is used at a
lower voltage level.
While VDDOTP_GPIO1 is maintained at 8 V, the following I2C commands can be sent to
open access to the OTP mirror registers:
SET_REG:FS5600:Functional:TM_ENTRY:0xD5A7
SET_REG:FS5600:Functional:TM_ENTRY:0xB8EE
SET_REG:FS5600:Functional:TM_ENTRY:0x0F37
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
55 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com