Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMMA8ES Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
15.6 I2C communication
Communication with the FS5600 is done through I2C, and it supports high-speed
operation mode with up to 3.4 MHz operation. SDA and SCL are pulled up to VDDIO
typically with 2.2 kΩ resistors for 400 kHz operation, and 500 Ω for 3.4 MHz operation.
Refer to UM10204, I 2C-bus specification and user manual for detailed information on the
digital I2C communication protocol implementation. The FS5600 is designed to operate
as a slave device during I2C communication. The default I2C device address is set by the
OTP_I2C_ADD[2:0].
OTP_I2C_ADD[2:0]
Device address
000
0x18
001
0x19
010
0x1A
011
0x1B
100
0x1C
101
0x1D
110
0x1E
111
0x1F
Table 32. I2C address selection
16 Thermal Protection
A thermal sensor placed at the center of the die monitors the temperature of the die and
triggers a shutdown if the die temperature exceeds 165 °C. When thermal shut-down is
entered, the TSD_I latch bit is set to notify the processor during subsequent power-up.
SW1 and SW2 regulators will immediately power down and GPIOs are asserted low
immediately upon entering the thermal shutdown state (no power down sequence).
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, VCC = 5.0 V, No
Load on regulators, Fsw = 2 MHz, and typical external component values, unless
otherwise noted. Typical values are specified at 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Thermal shutdown temperature
TSD
155
165
175
°C
Thermal shutdown hysteresis
TSD_
HYST
—
10
—
°C
Thermal shutdown debounce
TSD_DB —
100
—
μs
Table 33. Thermal protection characteristics
17 Functional safety features in FS5600
The FS5600 is offered in QM, ASIL B, and Enhanced ASIL B variations. This section
describes the features of the ASIL B and Enhanced ASIL B variations. The content in this
document prior to this section applies to all device variations.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
35 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com