Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMMA8ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 41Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 42Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 45Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
During the initialization phase (INIT_RUN), the MCU can send the seed for the LFSR
by writing to the WD_SEED register, or use the default LFSR value generated by the
FS5600 (0x5AB2). It is not possible to write 0x0000 to the WD_SEED register when in
the challenger mode. The I2C_REQ_ERR bit is set when writing a 0x0000 is attempted.
Using the seed value, the MCU should perform a simple calculation based on the formula
below, and send the results in the WD_ANSWER register in the OPEN window for a valid
watchdog refresh.
aaa-031017
WD_SEED[23:8]
4
4
4
6
WD_ANSWER[23:8]
X
NOT
/
+
-
Figure 13. Challenger watchdog formula
17.3.3 Watchdog error counter and error impact
The watchdog error counter is available for the Challenger and Simple watchdog
schemes. The watchdog error counter is used to count the number of bad watchdog
refreshes (data and temporal errors).
Each time a watchdog failure occurs, the device increments this counter by 2. The
watchdog error counter decrements by 1 each time the watchdog is correctly refreshed.
This principle ensures that a cyclic ’OK/NOK’ behavior converges to a failure detection.
To allow flexibility in the application, the maximum value of this counter is configurable
with the WD_ERR_LIMIT[1:0] register as shown in the table below.
WD_ERR_LIMIT[1:0]
Watchdog error counter value
00
8
01 (reset value)
6
10
4
11
2
Table 40. Watchdog error counter
The watchdog error counter value can be read by the MCU for diagnostic with the
WD_ERR_CNT[3:0] register.
When the watchdog error counter reaches or exceeds its maximum value, the counter
resets to “0” value and induces a system reaction based on WD_FAIL_IMPACT[1:0]
configuration. The initial value of WD_FAIL_IMPACT[1:0] is loaded from
OTP_WD_FAIL_IMPACT[1:0]. Use WD_FAIL_IMPACT[1:0] = 01 or 10 only if
OTP_WD_PGOOD1/2 = 1.
WD_FAIL_IMPACT[1:0]
Watchdog failure reaction
00
Stay in NORMAL STATE
01
Transition to INIT_RUN state or Remain in INIT_RUN
10
Transition to DEEP FAIL-SAFE state
11
Stay in NORMAL STATE
Table 41. WD_FAIL_IMPACT[1:0] description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
42 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com