Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMMA8ES Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 47Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 48Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.11 Fault error counter
A fault error counter is implemented to count the number of faults occurring in the
application and based on system reaction. The limit value of the fault error counter is
programmable using the FLT_ERR_CNT_LIMIT[1:0] bits.
Note: “FLT_ERR_CNT_LIMIT[1:0]” should be initialized in the application once during
system power-up. Changing it during normal operation may reset the FLT_ERR_CNT
value.
FLT_ERR_CNT_LIMIT[1:0]
Configure the maximum value of the Fault
error counter
00
Max value = 1
01 (Reset State)
Max value = 2
10
Max value = 6
11
Max value = 12
Table 49. FLT_ERR_CNT_LIMIT[1:0] description
The fault error counter value is stored in the FLT_ERR_CNT[3:0] bits and starts at “0”
after a POR. The FLT_ERR_CNT[3:0] may be cleared in the application via I2C by writing
0b1 to the CLR_FLT_ERR_CNT bit and 0b0 to the NOT_CLR_FLT_ERR_CNT bit.
The FLT_ERR_CNT[3:0] decrements by '1' when the watchdog timer is refreshed after
the watchdog refresh counter reaches its maximum value.
Note: Use the CLR_FLT_ERR_CNT bit only if the watchdog is disabled. If watchdog is
enabled, use that to decrement the FLT_ERR_CNT[3:0]. Using the CLR_FLT_ERR_CNT
when watchdog is enabled is not recommended.
The fault error counter is incremented each time an assigned fault occurs.
OTP bit
Fault counter configuration
OTP_SW1_FLT_CNT_EN = 1
enables SW1 OV and/or UV faults to increment
FLT_ERR_CNT if the SW1 OV and/or UV faults are
assigned to either of the PGOODx pins.
OTP_SW2_FLT_CNT_EN = 1
enables SW2 OV and/or UV faults to increment
FLT_ERR_CNT if the SW2 OV and/or UV faults are
assigned to either of the PGOODx pins.
OTP_VMON1_FLT_CNT_EN = 1
enables VMON1 OV and/or UV faults to increment
FLT_ERR_CNT if the VMON1 OV and/or UV faults are
assigned to either of the PGOODx pins.
OTP_VMON2_FLT_CNT_EN = 1
enables VMON2 OV and/or UV faults to increment
FLT_ERR_CNT if the VMON2 OV and/or UV faults are
assigned to either of the PGOODx pins.
OTP_VMON3_FLT_CNT_EN = 1
enables VMON3 OV and/or UV faults to increment
FLT_ERR_CNT if the VMON3 OV and/or UV faults are
assigned to either of the PGOODx pins.
OTP_VMON4_FLT_CNT_EN = 1
enables VMON4 OV and/or UV faults to increment
FLT_ERR_CNT if the VMON4 OV and/or UV faults are
assigned to either of the PGOODx pins.
Table 50. Fault counter source assignment
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
51 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com