Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMMA8ES Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 83Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 84Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 85Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 86Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 87Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 88Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 89Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 90Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
aaa-044949
Vin (V)
12
3
4.7
4.9
5.1
Vout
(V)
4.5
Vout = No Load
Vout = 1 A
Vout = 2 A
Vout = 3 A
4
5
6
7
8
9
10
11
Figure 23. SW1 Dropout Performance
aaa-044950
Vin (V)
12
3
3.1
3.2
3.3
Vout
(V)
3.0
Vout = No Load
Vout = 1 A
Vout = 2 A
Vout = 3 A
4
5
6
7
8
9
10
11
Figure 24. SW2 Dropout Performance
aaa-044951
Load current (A)
0
4
100
Efficiency
(%)
60
Vout = 5 V
Vout = 3.3 V
90
80
70
1
2
3
Figure 25. SW1 Efficiency (12 Vin, 450 kHz)
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
87 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com