Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3987CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3987CT Datasheet HTML 1Page - Diodes Incorporated AP3987CT Datasheet HTML 2Page - Diodes Incorporated AP3987CT Datasheet HTML 3Page - Diodes Incorporated AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
4 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 28.5
V
VCS
Voltage on CS Pin
-0.3 to 7.4
V
VFB
FB Input Voltage
-0.7 to 7.4
V
BVDSS
Drain Voltage (TJ=+25°C)
650
V
ID
Drain Continuous Current (TJ=+25°C)
2
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
—
ESD (Charge Device Model)
1000
V
—
ESD (Human Body Model)
2000
V
PD
Total Power Dissipation
1
W
Note:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
—
25
V
TOP
Operating Temperature Range
-40
+85
°C
Thermal Impedance (Note 5)
Symbol
Parameter
Value
Unit
θJA
Junction to Ambient
92
°C/W
Note:
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch
2 cooling area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com