Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3987CT Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated AP3987CT Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
8 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
The relationship between the output current and secondary peak current IPKS is given by:
OFFS
ONS
ONS
PKS
OUT
t
t
t
I
2
1
I
(3)
As to tight coupled primary and secondary winding, the secondary peak current is
PK
S
P
PKS
I
N
N
I
(4)
Thus the output constant current is given by:
PK
S
P
OFFS
ONS
ONS
PK
S
P
OUT
I
N
N
8
2
t
t
t
I
N
N
2
1
I
(5)
Therefore, AP3987CT can realize CC mode operation by constant primary peak current and fixed secondary side conduction duty cycle.
5.
Multiple Segment Peak Current
As to the original PFM PSR system, the switching frequency decreases with decreasing of output current, which will encounter audible noise
issue since switching frequency decreases to audio frequency range, about less than 20kHz.
In order to avoid audible noise issue, AP3987CT uses 3-segment primary peak current control method at Constant Voltage (CV) mode, the
current sense threshold voltages are multiple segments with different loading, as shown in Figure 4, which are VCS_H for high load, varied VCS_M
for medium load and VCS_L for light load. In no load and ultra light load condition (NL mode), the current reference is also VCS_L. But the
operation in NL mode is different, which will be described in next section.
At Constant Current (CC) mode, the peak current is still VCS_H when VO>VFB(SCP). If not, the peak current is 2/3* VCS_H.
It can be seen from the following figure that with multiple segment peak current control. The AP3987CT power system can keep switching
frequency above 20kHz from light load to heavy load and guarantee the audible-noise-free performance, and the maximum load system
switching frequency is not less than 50kHz, and no more than 70kHz.
fSW
VCS
IO/IOMAX
100%
40%
8%
50/70kHz
20/28kHz
1/2.25*VCSMAX
VCSMAX
FM
AM
FM
Figure 4. Segment Peak Current and Operating Frequency at CV Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com