Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3987CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3987CT Datasheet HTML 1Page - Diodes Incorporated AP3987CT Datasheet HTML 2Page - Diodes Incorporated AP3987CT Datasheet HTML 3Page - Diodes Incorporated AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
1 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Description
The AP3987CT is a high performance AC/DC power switcher for
battery charger and adapter applications
with a built-in high
performance controller
and a
built-in
650V
high performance
MOSFET. It can meet less than
10mW standby power for “Super Star”
charger criteria. The device uses Pulse Frequency Modulation (PFM)
method to build Discontinuous Conduction Mode (DCM) Flyback
power supplies.
The AP3987CT provides accurate Constant Voltage (CV), Constant
Current (CC) and outstanding dynamic performance without requiring
an opto-coupler. It also eliminates the need of loop compensation
circuitry while maintaining stability.
The AP3987CT is equipped with built-in 0.35V output cable drop
compensation.
The AP3987CT has internal over temperature protection, and also
provides dedicated pin for external over temperature protection.
When the AP3987CT is used with AP4341 or APR3415CT series
synchronous rectifier solution, better under-shoot performance and
higher conversion efficiency can be achieved.
The AP3987CT provides operating frequency dithering function to
improve system EMC performance.
The AP3987CT is packaged in SO-7.
Applications
Adapter/Chargers for Shaver, Cell/Cordless Phones, PDAs, MP3
and Other Portable Apparatus
Standby and Auxiliary Power Supplies
Pin Assignments
(Top View)
FB
OTP
VCC
CS
D
D
GND
1
2
3
4
6
5
7
SO-7
Features
Primary-Side Control for Eliminating Opto-Coupler
10mW No-Load Input Power
Built-In 650V High Performance MOSFET
Flyback Topology in DCM Operation
Built-In 0.35V Cable Compensation for CV
Multiple PWM/PFM Control Mode to Improve Audio Noise and
Efficiency
VCS Jitter to Reduce System EMI
Valley-On for the Higher Efficiency and Better EMI
Multiple Protections:
Over Voltage Protection (OVP)
Output Short Circuit Protection (SCP)
Transformer Saturation Protection (TSP) via Primary
Peak Current Limitation
Internal and External Over Temperature Protection (OTP)
Matching AP4341 with Schottky or APR3415CT Series
Synchronous Rectifier Solution
SO-7 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free
. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information abo
ut Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.


Similar Part No. - AP3987CT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3987I A-POWER-AP3987I Datasheet
122Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3987I A-POWER-AP3987I_14 Datasheet
122Kb / 5P
Fast Switching Characteristic
AP3987P A-POWER-AP3987P Datasheet
101Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3987P-HF A-POWER-AP3987P-HF_14 Datasheet
36Kb / 2P
Fast Switching Characteristic
AP3987P-HF A-POWER-AP3987P-HF_16 Datasheet
56Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP3987CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com