Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3987CT Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 3Page - Diodes Incorporated AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
7 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
Figure 2. The Operation Waveform of Flyback PSR System
3.
Constant Voltage Operation
As to Constant Voltage (CV) operation mode, the AP3987CT detects the auxiliary winding voltage at FB pin to regulate the output voltage. The
auxiliary winding voltage is coupled with secondary side winding voltage, so the auxiliary winding voltage during tONS is:
D
OUT
S
AUX
AUX
V
V
N
N
V
(1)
Where VD is the conduction voltage drop of MOSFET in APR3415CT.
0V
tONS
tSAMPLE
Figure 3. Auxiliary Voltage Waveform
The voltage detection point is at the tSAMPLE of tONS. The voltage detection point is changed with the different primary peak current. The CV loop
control function of AP3987CT then generates a tOFF to regulate the output voltage.
4.
Constant Current Operation
The AP3987CT can work in Constant Current (CC) mode. Figure 2 shows the secondary current waveforms.
In CC operation mode, the CC control loop of AP3987CT will keep a fixed proportion between tONS and tOFFS. The fixed proportion is
4
4
OFFS
ONS
t
t
(2)
t
ONP
t
ONS
IPK
IPKS
VO
IP
IS
t
OFFS
t
OFF
VSEC
VA
VAUX
t
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com