Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1201 Datasheet(PDF) 19 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 19 Page - International Rectifier

Back Button IP1201 Datasheet HTML 15Page - International Rectifier IP1201 Datasheet HTML 16Page - International Rectifier IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier IP1201 Datasheet HTML 19Page - International Rectifier IP1201 Datasheet HTML 20Page - International Rectifier IP1201 Datasheet HTML 21Page - International Rectifier IP1201 Datasheet HTML 22Page - International Rectifier IP1201 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.irf.com
19
iP1201
tor value for the second output.
Control Loop Compensation
The iP1201 feedback control is based on single loop
voltage mode control principle if both outputs are
configured in dual output independent mode. In this
case, both outputs can have identical compensa-
tion. If iP1201 outputs are configured for parallel
operation, then compensation of the outputs will dif-
fer slightly.
The goal in the design of the compensator is to
achieve the highest unity gain (0 db) crossover fre-
quency with sufficient phase margin for the closed
loop transfer function. The LC filter of the power sup-
ply introduces a double pole with –40db/dec slope
and 1800 phase lag. The 180° phase contribution
from the LC filter is the source of instabilty.
The resonant frequency of the LC filter is expressed
by equation (8):
(8)
The error amplifiers of the iP1201 PWM controller
are transconductance amplifiers, and their outputs
are available for external compensation.
Two type of compensators are studied in this sec-
tion. The first one is called Type II and it is used to
compensate systems the e.s.r. frequency f
esr (equa-
tion 6) of which is in the midfrequency range and
Type III that can be used for any type of output ca-
pacitors and have a wide range of f
esr.
Type II
Magnitude(dB)
Frequency
F
Z
H(s) dB
C10
R9
R7
E/A1
Vout1
FB1
VREF
CC1
iP1201
C9
R5
(Optional)
Ve
Fig. 20: Typical Type II compensation and its gain
plot
From Fig.19 the transfer function H(s) of the error
amplifier is given by (9):
(9)
The term s represents the frequency dependence of
the transfer function.
The Type II controller introduces a gain and a zero
expressed by equations (10) and (11):
5
9
7
7
)
(
R
R
R
R
g
s
H
m
×
+
×
=
(10)
where, g
m is the transconductance of the error am-
plifier.
(11)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
2. Calculate R
5 using equation (12):
(12)
Where,
V
IN = Maximum Input voltage
f
0 = Error amplifier zero crossover frequency
f
esr= Output capacitor Co zero frequency
f
LC = Output frequency resonant filter
g
m=
Error amplifier transconductance. Use
2000µmho for g
m.
9
5
2
1
C
R
f
z
×
×
=
π
m
LC
esr
IN
g
R
R
R
f
f
f
V
R
1
1
25
.
1
7
9
7
2
0
5
×
+
×
×
×
×
=
5
9
9
5
9
7
7
1
)
(
R
sC
C
sR
R
R
R
g
s
H
m
+
×
+
×
=
)
(2
/
1
0
0
C
L
f
LC
×
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com