Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1201 Datasheet(PDF) 21 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 21 Page - International Rectifier

Back Button IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier IP1201 Datasheet HTML 19Page - International Rectifier IP1201 Datasheet HTML 20Page - International Rectifier IP1201 Datasheet HTML 21Page - International Rectifier IP1201 Datasheet HTML 22Page - International Rectifier IP1201 Datasheet HTML 23Page - International Rectifier IP1201 Datasheet HTML 24Page - International Rectifier IP1201 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.irf.com
21
iP1201
2
2
LC
z
f
f
=
The crossover frequency f
0 for type III compensation
is represented by equation (22):
(22)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
2. Select R
26 = ~1kΩ
3. Place the first zero f
z1 at 75% of the resonant fre-
quency f
LC of the output filter.
Determine C
9 from equation (20).
4. Select C22 such that
Doing so will place a third pole f
P3 at or near half the
switching frequency f
SW.
5. Calculate C
21 from equation (22).
6. Place the second pole f
p2 at fesr of the output ca-
pacitor C
o and determine the value of R25 from equa-
tion (18).
7. Place the second zero near the resonant frequency
f
LC of the output filter. Calculate R9 using equation
(21).
8. Use equation (1) to calculate R
7.
More than one iteration may be required to calculate
the values of the compensation components if cross-
over frequencies higher than the range specified in
step 1 are required (for higher bandwidths and faster
transient response performance). To ensure stabil-
ity a phase margin greater than 45° should be
achieved.
If the iP1201 is configured in single output paral-
leled configuration, the feedback loop of the first
output is closed around the output voltage, and the
second amplifier, which is also a transconductance
one, forces equal sharing of the inductor currents in
both outputs.
In Fig. 22, L
1 and L2 are the inductors for outputs 1
and 2 respectively. Rsh1 and Rsh2 are the current
R
E/A2
R
iP1201
C11
R6
L1
L2
sh1
Rsh2
Vsw1
Vsw2
Vp-Ref
CC2
Load
FB2
VOUT
Fig. 22: Output 2 error amplifier compensation net-
work for parallel configuration.
For type II compensation scheme resistor R
6 is cal-
culated according to equation (23)
out
in
sh
m
V
V
L
f
R
g
R
×
×
×
×
×
=
2
02
1
6
2
1
25
.
1
π
(23)
where, f
02 is the desired zero crossover frequency.
The zero frequency f
z of the compensation network
is expressed in equation (24)
11
6
2
1
C
R
f
z
×
×
=
π
(24)
and should be placed near half the output2 reso-
nant frequency f
LC2.
A value for C
11 is calculated by using equations (23),
(24) and (25).
(25)
10
9
22
C
C
sensing shunts for the same outputs.
o
o
C
L
C
R
Vin
f
×
×
×
×
×
×
=
π
2
1
8
.
0
21
26
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com