Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1201 Datasheet(PDF) 25 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 25 Page - International Rectifier

Back Button IP1201 Datasheet HTML 21Page - International Rectifier IP1201 Datasheet HTML 22Page - International Rectifier IP1201 Datasheet HTML 23Page - International Rectifier IP1201 Datasheet HTML 24Page - International Rectifier IP1201 Datasheet HTML 25Page - International Rectifier IP1201 Datasheet HTML 26Page - International Rectifier IP1201 Datasheet HTML 27Page - International Rectifier IP1201 Datasheet HTML 28Page - International Rectifier IP1201 Datasheet HTML 29Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.irf.com
25
iP1201
For stable and noise free operation of the whole
power system, it is recommended that the de-
signer uses the following guidelines:
1. Follow the layout scheme presented in Fig. 33.
Make sure that the output inductors L1 and L2 are
placed as close to iP1201 as possible to prevent
noise propagation that can be caused by switch-
ing of power at the switching node Vsw, to sensi-
tive circuits.
2. Provide a mid-layer solid ground plane with con-
nections to the top layer through vias. The PGND
pads of iP1201 also need to be connected to the
same ground plane through vias.
3. To increase power supply noise immunity, place
input and output capacitors close to one another,
as shown in the layout diagram. This will provide
short high current paths that are essential at the
ground terminals.
4. Although there is a certain degree of V
IN bypass-
ing inside the iP1201, the external input decoupling
capacitors should be as close to the device as pos-
sible.
5. The Feedback tracks from the outputs V
OUT1 and
V
OUT2 to FB1 and FB2 respectively, should be routed
as far away from noise generating traces as pos-
sible.
6. The compensation components and the Vref by-
pass capacitor should be placed as close as pos-
sible to their corresponding iP1201 pins.
7. For single output configuration, the parasitic paths
leading to the common output connector from each
parallel branch should be symmetrically routed to
ensure equal current sharing.
8. Refer to IR application note AN-1029 to deter-
mine what size vias and copper weight and thick-
ness to use when designing the PCB.
Layout Guidelines
Fig. 33: iP1201 suggested layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com