Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1201 Datasheet(PDF) 20 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1201 Datasheet HTML 16Page - International Rectifier IP1201 Datasheet HTML 17Page - International Rectifier IP1201 Datasheet HTML 18Page - International Rectifier IP1201 Datasheet HTML 19Page - International Rectifier IP1201 Datasheet HTML 20Page - International Rectifier IP1201 Datasheet HTML 21Page - International Rectifier IP1201 Datasheet HTML 22Page - International Rectifier IP1201 Datasheet HTML 23Page - International Rectifier IP1201 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.irf.com
20
iP1201
(21)
3. Place a zero at 75% of f
LC to cancel one of the LC
filter poles.
o
o
z
C
L
f
×
×
=
π
2
1
75
.
0
(13)
4. Calculate C
9 using equations (11) and (13)
Calculation of compensation components for out-
put1, based on the example above yields:
f
LC = 4.0kHz
f
z = 3.0kHz
f
0 = 20kHz (based on Fsw = 200kHz)
f
esr = 10kHz, per equation (7) using Resr = 11mΩ.
R
5 = 4.5K
C
9 = 12nF
The same steps can be used to determine the val-
ues of the compensation components for output2.
Sometimes, a pole f
p2 is added at half the switching
frequency to filter the switching noise. This is done
by adding a capacitor C
opt in Fig.20 from the output of
the error amplifier (CC pin of iP1201) to ground. This
pole is given by equation (14):
(14)
Select C
opt such that:
10
9
C
C
opt ≤
(15)
Type III
Type III compensation scheme allows the use of
any type of capacitors with esr frequency of any range.
This scheme suggests a double pole double zero
compensation and requires more components
around the error amplifier to achieve the desired
gain and phase margins. Fig. 21 represents the type
III compensation network for iP1201.
The transfer function of the type III compensator is
given by eqaution (16)
)
1
(
)
1
(
)
1
(
)
1
(
1
)
(
21
25
22
26
21
9
9
26
9
9
C
sR
C
sR
C
sR
C
sR
C
sR
s
H
+
×
+
+
×
+
×
≈
(16)
C10
R9
R7
E/A1
Vout1
FB1
VREF
CC1
iP1201
R26
C9
C22
R25
C21
Magnitude(dB)
Frequency
F
Z1
H(s) dB
F
Z2
F
P2
F
P3
Fig. 21: Typical Type III compensation and its gain
plot
The frequencies of the three poles and the two zeros
of the type III compensation scheme are represented
by the following equations:
f
p1= 0
(17)
21
5
2
2
2
1
C
R
f
p
×
×
=
π
(18)
opt
p
C
R
f
×
×
≈
5
2
2
1
π
(20)
(19)
22
6
2
3
2
1
C
R
f
p
×
×
≅
π
9
26
1
2
1
C
R
f
z
×
×
=
π
21
9
2
2
1
C
R
f
z
×
×
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com