Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR349 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR349 Datasheet HTML 1Page - Diodes Incorporated APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
5 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Operation Description
VDD Regulator and UVLO Protection
The VDD is supplied by the PLR (Pulse Linear Regulator) from the drain voltage, or LDO from the VOUT voltage. When the APR349 operates at a
low voltage output condition, a Pulse Linear Regulator is integrated in the controller to provide voltage to the VDD pin, in which the system output
voltage may drop to 2V. Meanwhile, when the system output voltage is higher than 4.75V, the VDD bias voltage generating circuit will change from
the PLR to the LDO circuit.
When the VDD provides bias voltage for the controller, a capacitor (typical 3.3μF) should be connected between the VDD pin and GND pin. The
APR349 also has UVLO protection. When VDD drops below VDD_UVLO, the IC will stop providing gate drive pulse.
GATE Turn-On Logic
The APR349 determines the synchronous rectification MOSFET turn-on moment by monitoring the MOSFET drain-to-source voltage. When the
drain voltage is lower than the turn-on threshold voltage VON_TH, the IC outputs a positive drive voltage after a turn-on delay time (tD_ON). The
MOSFET will turn on and the current will transfer from the body diode into the MOSFET’s channel.
Moreover, the device also sets an internally fixed, volt-sec product threshold to prevent false turn-on within ringing voltage cycle. Regarding the
sensed voltage of the DRAIN pin, the volt-second product above the VCC voltage at the primary switch on-time is much higher than the volt-
second product of ringing voltage above VCC. Therefore, the APR349 can turn on the synchronous rectifier depending on the detected volt-
second product of drain voltage above VCC. The APR349 has an internal parameter Kqs, which multiplies Rx resistor value to generate volt-
second product threshold. Thus, changing the Rx resistor can adjust the volt-second product threshold.
A
rea2 = Rx ∗ Kqs
In general, the Area1 and Area3 values depend on system design. Area2 should be set in the middle of Area1 and Area3 to ensure suitable
design margins.
Area3 < ������������ ∗ ������������������ < ������������������������1
VDET
VCC
Area3
Area1=(VDRAIN-VOUT)*tONP
Area2=Kqs*Rx
Figure 1. Volt-Second Product Function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com