Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR349 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated APR349 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
9 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26 (Type CJ)
SOT26 (Type CJ)
Dim
Min
Max
Typ
A
1.050
1.250
--
A1
0.00
0.10
--
A2
1.050
1.150
--
b
0.300
0.500
--
c
0.100
0.200
--
D
2.820
3.020
--
E
2.650
2.950
--
E1
1.500
1.700
--
e
0.950BSC
e1
1.800
2.000
--
L
0.300
0.600
--
a
0°
8°
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26 (Type CJ)
Dimensions
Value
(in mm)
C
0.95
C1
1.90
C2
2.40
X
0.60
Y
1.00
Mechanical Data
Moisture Sensitivity: MSL Level 1 per JESD22-A113
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.016/0.017 grams (Approximate)
D
E
E1
b
A2
A1
L
c
a
A
0.200
e
e1
C
X
Y
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com