Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR349 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR349 Datasheet HTML 1Page - Diodes Incorporated APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
1 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Description
The APR349 is a secondary-side MOSFET driver for synchronous
rectification, which can effectively reduce the secondary-side rectifier
power dissipation and provide a high-performance solution.
The APR349 supports continuous or discontinuous conduction mode
(CCM and DCM) and quasi-resonant flyback operation. It utilizes an
intelligent control method to realize on-time control, which not only
provides a short turn-on and turn-off delay to reduce power loss, but
also eliminate the false trigger of resonant ring and keep safe
operation without adding any external components or circuitry.
The APR349 can be charged by internal PLR (Pulse Linear
Regulator) at low system output voltage, and provide a wide output
operation voltage from 3.3V to 24V.
The APR349 is available in SOT26 (Type CJ) package.
Features
Support Flyback Synchronous Rectification with CCM/DCM/QR
Operation Mode
Intelligent Control to Minimize Turn-On and Turn-Off Delay
Smart-Blanking Control to Prevent Shoot-Through
Supports Both High-Side and Low-Side Application
Built-in PLR Power Supply for Low System Output Voltage
Internal UVLO Protection
Fewest External Components
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
SOT26 (Type CJ)
Applications
Adaptive Chargers for Cellular Phones, Digital Cameras, and
Power Tools
AC/DC Adapters
Battery-Powered Systems
All SMPS with High-Efficiency Requirements
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
VOUT
VOUT
GND
Rx
VDD
GATE
DRAIN
APR349
Q1
Rx
C1
Q2
C2
Low-Side Application
High-Side Application
1
2
3
4
5
6
VDD
GND
GATE
VOUT
DRAIN
Rx
VOUT
VOUT
GND
Rx
VDD
GATE DRAIN
APR349
Q1
Q2
R1
C1
C2


Similar Part No. - APR349

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR34910 DIODES-APR34910 Datasheet
395Kb / 2P
Secondary-Side Synchronous Rectifier with Internal 10mΩ, 100V N-Channel MOSFET Increases Efficiency in up to 65W Adaptors
APR34910S-13 DIODES-APR34910S-13 Datasheet
395Kb / 2P
Secondary-Side Synchronous Rectifier with Internal 10mΩ, 100V N-Channel MOSFET Increases Efficiency in up to 65W Adaptors
More results

Similar Description - APR349

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
Secondary Side Synchronous Rectification Controller IC
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR348 DIODES-APR348 Datasheet
377Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com