Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR349 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated APR349 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
6 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Operation Description (continued)
GATE Voltage Regulation/Auto-Tracking
The minimum on-time (tON_MIN) blanking period aims to prevent an accidental turn-off due to interference of ringing noise voltage. When the
controlled MOSFET gate turns on, some ringing noise will be generated. Utilizing the minimum on-time timer to blank the VTHOFF comparator, this
keeps the SR MOSFET on for at least the minimum on-time. The gate driver can be pulled down quickly to zero when VDRAIN ringing voltage goes
over 2V during this period.
Once the synchronous rectification gate outputs a high-level voltage, the secondary-side current goes through the synchronous rectification
MOSFET. The voltage drop on the MOSFET is calculated by RDS(ON) × secondary-side current. After minimum turn-on time tON_MIN, the IC
continuously monitors VDRAIN by the DRAIN pin and generates a pull-down current from the MOSFET gate until drain voltage equals -40mV. As
shown in Figure 2, the MOSFET drain-to-source voltage would remain around -40mV (VON_REG) with the secondary-side current decreasing.
VDET
t
t
VGATE
VON_REG
VON_TH
2V
Forward Regulation
Period
tDON
tON_MIN
0
0
Figure 2. Forward Regulation Operation Principle



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com