Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-07-NC03 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR-07-NC03
Description  Ethernet Communication Controller with USB-Host
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-07-NC03 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR-07-NC03 Datasheet HTML 57Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 58Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 59Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 60Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 61Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 62Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 63Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 64Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 194 page
background image
SPEAR-07-NC03
6 Blocks description
61/194
6.2.4.30 MMC Control Register
Mnemonic
: MMC_CTRL_REG
Address
: 0x3000_3500
Default value
: 0x0000_2F72
This register establishes the operating mode of the management counters.
MAX_FRM_SIZE
: These bits indicate the value of the Maximum Packet Size for the transmitted
frames to be counted as long frames.
RESET_ON_READ
: When set the counter will be reset to 0 after read.
CNTR_ROLL_OVER: When set, counters after reaching the maximum value start again from 0.
CNTR_RESET
: When set, all counters will be reset to 0.
6.2.4.31 MMC Interrupt High Register
Mnemonic
: MMC_INT_HI_REG
Address
: 0x3000_33504
Default value
: 0x0000_0000
Bit
Field name
Access
31 – 14
Reserved
RO
13 – 03
MAX_FRM_SIZE
RW
02
RESET_ON_READ
RW
01
CNTR_ROLL_OVER
RW
00
CNTR_RESET
WO
Bit
Field name
Access
31 – 12
Reserved
RO
11
TX_EXC_DEFER_FRMS
RW
10
TX_CRS_ERROR_FRMS
RW
09
TX_ABORTED_FRMS
RW
08
TX_LATE_COL_FRMS
RW
07
TX_DEFERRED_FRMS
RW
06
TX_MUL_COL_FRMS
RW
05
TX_SINGLE_COL_FRMS
RW
04
TX_BAD_FRMS
RW
03
TX_FIFO_UND_FRMS
RW
02
TX_BROADCAST_FRMS
RW
01
TX_MULTICAST_FRMS
RW
00
TX_UNICAST_FRMS
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com