Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-07-NC03 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR-07-NC03
Description  Ethernet Communication Controller with USB-Host
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-07-NC03 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR-07-NC03 Datasheet HTML 35Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 36Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 37Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 38Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 39Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 40Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 41Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 42Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 194 page
background image
SPEAR-07-NC03
6 Blocks description
39/194
6.2.4.2 Ethernet DMA, Interrupt Sources Enable Register
Mnemonic
: DMA_INT_EN
Address
: 0x3000_3004
Default value
: 0x0000_0000
The DMA Interrupt enable register allows the various sources of interrupt to be individually
enabled.
All the enabled sources will then be OR-ed to generate the global DMA interrupt.
Setting a bit in DMA_INT_EN allows the corresponding interrupt described in DMA_INT_STAT
to influence the global DMA Interrupt.
If any bit position is set to '1' in BOTH DMA_INT_STAT and DMA_INT_EN, then the DMA
Interrupt will be asserted.
Refer to the DMA_INT_STAT for a description of interrupt sources.
Bit
Field name
Access
31
TX_CURR_DONE_EN
RW
30 - 29
Reserved
RO
28
MAC110_INT_EN
RW
27 - 26
Reserved
RO
25
TX_MERR_INT_EN
RW
24
Reserved
RO
23
TX_DONE_EN
RW
22
TX_NEXT_EN
RW
21 - 20
Reserved
RO
19
TX_TO_EN
RW
18
TX_ENTRY_EN
RW
17
TX_FULL_EN
RW
16
TX_EMPTY_EN
RW
15
RX_CURR_DONE_EN
RW
14 - 10
Reserved
RO
09
RX_MERR_INT_EN
RW
08
Reserved
RO
07
RX_DONE_EN
RW
06
RX_NEXT_EN
RW
05
PACKET_LOST_EN
RW
04
Reserved
RO
03
RX_TO_EN
RW
02
RX_ENTRY_EN
RW
01
RX_FULL_EN
RW
00
RX_EMPTY_EN
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com