Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-07-NC03 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR-07-NC03
Description  Ethernet Communication Controller with USB-Host
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-07-NC03 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR-07-NC03 Datasheet HTML 17Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 18Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 19Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 20Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 21Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 22Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 23Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 24Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 194 page
background image
SPEAR-07-NC03
5 Memory Map
21/194
5
Memory Map
5.1
Global MAP (AHB)
Table 4.
AHB Memory Map
Note:
The decoder will ignore the ADD31 lines. In this way will be possible to access all the devices
trough cache in range 0x000.0000 - 0x7FFF.FFFF and without cache in range 0x8000.0000 -
0xFFFF.FFFF
5.2
I/O MAP (APB)
Table 5.
APB Memory Map
Starting Address
End Address
Description
0x000.0000
0x01FF.FFFF
Two ROM/FLASH/SRAM Banks.
– Bank size granularity: 64 KB
– Max Bank size: 16 MB
– The two banks are adjacent.
0x1000.0000
0x17FF.FFFF
Four SDRAM/EDO Banks.
– Max Bank size: 32 MB
– Bank size granularity: 64 KB
– The four banks are adjacent.
0x2000.0000
0x2000.7FFF
Two External I/O Banks
Bank size: 16 KB
0x2100.0000
0x2100.1FFF
8 KB Shared SRAM
0x2200.0000
0x2200.0BFF
IEEE1284 Interface & FIFOs
0x2300.0000
0x2300.03FF
ARM Slave Test Interface
0x3000.0000
0x3000.37FF
APB Bridge
Starting Address
End Address
Description
0x3000.0000
0x3000.03FF
Interrupt Controller
0x3000.0400
0x3000.07FF
General Purpose Timers
0x3000.0800
0x3000.0BFF
Watch Dog Timer
0x3000.0C00
0x3000.0FFF
Real Time Clock
0x3000.1000
0x3000.13FF
General Purpose I/O
0x3000.1400
0x3000.17FF
I2C Interface
0x3000.1800
0x3000.1BFF
UART
0x3000.1C00
0x3000.1FFF
Configuration Registers
0x3000.2000
0x3000.23FF
DMA Controller General Purpose
0x3000.2400
0x3000.27FF
Static Memory Controller
0x3000.2800
0x3000.2BFF
Dynamic Memory Controller
0x3000.2C00
0x3000.2FFF
USB Host Controller
0x3000.3000
0x3000.33FF
DMA MAC
0x3000.3400
0x3000.37FF
MAC Ethernet Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com