Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-07-NC03 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR-07-NC03
Description  Ethernet Communication Controller with USB-Host
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-07-NC03 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR-07-NC03 Datasheet HTML 9Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 10Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 11Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 12Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 13Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 14Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 15Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 16Page - STMicroelectronics SPEAR-07-NC03 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 194 page
background image
SPEAR-07-NC03
4 Pin Descriptions
13/194
4
Pin Descriptions
4.1
Functional Pin Groups
Note:
Note: symbol / means multiplexing modes
Table 1.
Pin Descriptions by Functional Groups
Group
Pin Name
Function
Remark
Clocks, Reset
and
configuration.
MCLKI
Oscillator Clock Input
25 MHz
MCLKO
Oscillator Clock Output
25 MHz
PowerGood
System Reset Input
nResetOut
Peripheral Chips Driving Reset Output
Synchronous with System
Clock
TMODE0
Test Mode Selector
“1”
→ Test
PCLK
Output Clock (25 MHz)
Memory
Interface
Add[22:11],
Add[10]/AP,
Add[9:0]
Address Bus
Add[10]/AP is the auto pre-charge control
pin. The auto pre-charge command is
issued at the same time as burst read or
burst write by asserting high on Add[10]/
AP
ROM Banks: 16MB Max.
DRAM Banks: 32MB Max.
Data[15:0]
External, Bi-directional, 16 bit Data Bus
nRAS[3:0]/
nSDCS[3:0]
Row Address Strobe for EDO DRAM/
nSDCS is chip select pin for SDRAM
nSDRAS
Row Address Strobe for SDRAM
nSDCAS
Column Address Strobe for SDRAM
SDCLK
System Clock for SDRAM
48 MHz
CKE
Clock enable signal for SDRAM
nWE
Write Enable for external devices.
nECS[1:0]
Chip Select for external I/O Bank
Banks size: 16KB
nRCS[1:0]
Not ROM/SRAM/FLASH Chip Select
nOE
Not Output Enable for memory I/O
nCAS[1:0]/ DQM[1:0]
nCAS is the Column Address Strobe for
EDO DQM is data mask signal for
SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com