Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX2023 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
11
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Receiver (RX) (100 Ω Differential) Electrical Specification
RRX-DIFF-DC DC Differential Input Impedance
72
120
Ω
RRX-SINGLE-
DC
DC single ended input impedance
to guarantee RxDet
Measured with respect to
GND over a voltage of 500mV
max
18
30
Ω
ZRX-HIZ-DC-
PD
DC input CM input impedance for
V>0 during reset or power down
(Vcm=0 to 500mV)
25
Cac_coupling AC coupling capacitance
75
265
nF
VRX-CM-AC-P Rx common mode peak voltage
AC up to 5GHz
150
mVpeak
VRX-CM-DC-
Active-Idle-
Delta-P
Common mode peak voltage
|AvgU0 (| VTX-D+ + VTX-D- |)/2 –
AvgU1 (| VTX-D+ + VTX-D- |)/2|
200
mVpeak
Transmitter (TX) Electrical Specification
VTX-DIFF-PP Output differential p-p voltage
Swing
Differential Swing
|VTX-D+ - VTX-D-|
1
Vppd
RTX-DIFF-DC DC Differential TX Impedance
72
120
Ω
VTX-RCV-DET The amount of Voltage change al-
lowed during RxDet
Type-C Tx Spec +/-60mA
600
mV
Cac-coupling AC coupling capacitance
75
265
nF
RTX-DC-CM Common mode DC output Imped-
ance
18
30
Ω
ITX-SHORT
Transmitter short circuit current
limit
60
mA
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | /2
VDD-1V
VDD
V
VTX-DC-CM
Instantaneous allowed DC com-
mon mode voltage at the connector
side of the AC coupling capacitors
| VTX-D+ + VTX-D- | /2
0
VDD
V
VTX-CM-AC-
PP-Active
Active mode TX AC common
mode voltage
VTX-D+ + VTX-D- for both
time and amplitude
100
mVpp
VTX-Idle-Diff-
AC-pp
Idle mode AC common mode delta
voltage | VTX-D+ –VTX-D- |
Between D+ and D- in idle
mode. Use the HPF to remove
DC components. =1/LPF.
10
mVppd
VTX-Idle-Diff-
DC
Idle mode DC common mode delta
voltage | VTX-D+ –VTX-D- |
Between D+ and D- in idle
mode. Use the LPF to remove
AC components. =1/HPF.
10
mV
Channel Performance
Tpd
Latency
From input to output
25
150
ps
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com