Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX2023 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
13
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTX-DIFFp-p-
Level0
Differential peak-to-peak output
voltage swing Level 0
Tested with Pre-emphasis at
Level 0= 0dB
Level 1= 3.5dB
Level 2= 6.0 dB
0.34
0.4
0.46
V
VTX-DIFFp-p-
Level1
Differential peak-to-peak output
voltage swing Level 1
0.51
0.6
0.68
V
VTX-DIFFp-p-
Level2
Differential peak-to-peak output
voltage swing Level 2
0.69
0.8
0.92
V
Tj TX Total
Jitter
UHBR20(20Gbps) TP2
Measured at Transmit output.
Prechannel loss from 2.5dB
to 13dB
0.45
UI
UHBR13(13.5Gbps) TP2
0.45
UI
UHBR10(10Gbps) TP2
0.38
UI
HBR3 (8.1Gbps)
0.27
UI
HBR2 (5.4Gbps)
0.27
UI
HBR (2.7Gbps)
0.294
UI
RBR (1.62Gbps)
0.18
UI
AUX Listener Electrical Specification
Cin
Input capacitance at , AUXP or
AUXN
10
pF
VT(AUX_lis-
tener)
Threshold of the AUX listener
VCC = 1.8V
100
220
mVPPd
Note:
1. Measured using a vector-network analyzer (VNA) with -30dBm power level applied to the adjacent input. The VNA detects the signal at the output of the victim
channel. All other inputs and outputs are terminated with 50Ω.
2. Subtract the channel gain from the total gain to derive the actual crosstalk
AC/DC Characteristics Cont.
Control Pin Specifications
(VDD = 1.8 ± 5%, TA = -40°C to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
2-level Control Pins
VIH
DC input logic high
VDD*0.65
V
VIL
DC input logic low
VDD*0.35
V
IIH
Input high current
50
uA
IIL
Input Low current
-50
uA
4-level Control Pins
VIH
DC input logic “High”
0.92*VDD
VDD
V
VIF
DC input logic “Float”F
0.59*VDD 0.67*VDD 0.75*VDD
V
VIR
DC input logic “With Rext to GND” R
0.25*VDD 0.33*VDD 0.41*VDD
V
VIL
DC input logic “Low”
GND
0.08*VDD
V
IIH
Input high current
50
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com