Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX2023 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
12
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
GP
Peaking gain (Compensation
at 10GHz, relative to 100MHz,
100mVp-p sine wave input)
EQ = 0
EQ = R
EQ = F
EQ= 1
7.1
9.6
11.8
13.7
dB
Variation around typical
-2
+2
dB
GF
Flat gain (100MHz, EQ<2:0>=000)
FG= 0
FG= R
FG= F
FG= 1
-4
-2
0
+2
dB
Variation around typical
-2
+2
dB
Vsw_100M
Output linear swing (at 100MHz) EQ= 0
910
mVppd
Vsw_10G
Output linear swing (at 10GHz)
EQ= 0
800
mVppd
DDNEXT
Differential near-end crosstalk
100MHz to 10GHz, Fig. 6(1)
-30
-20
dB
DDFEXT(2)
Differential far-end crosstalk
100MHz to 10GHz, Fig. 7(1)
-30
-20
dB
VNOISE_IN Input-referred noise
100MHz to 10GHz, EQ=0,
FG=F, Fig. 7.5
0.6
mVRMS
100MHz to 10GHz, EQ=1,
FG=F, Fig. 8
0.3
VNOISE_OUT Output-referred noise
100MHz to 10GHz, EQ=0,
FG=F, Fig. 8
0.3
mVRMS
100MHz to 10GHz, EQ=1,
FG=F, Fig. 8
0.5
S11DM
Input differential mode return loss 10MHz to 10GHz differential
mode
-11.5
-8.1
dB
S11CM
Input common mode return loss
1GHz to 10GHz common
mode
-11.1
-5
dB
S22DM
Output differential mode return
loss
10MHz to 10GHz differential
mode
-12.7
-8.1
dB
S22CM
Output common mode return loss 1GHz to 10GHz common
mode
-11.3
-4
dB
DisplayPort Electrical Specification
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | /2
VDD-1V
VDD
V
VTX-AC-CM_
HBR_RBR
TX AC common mode voltage for
HRB and RBR
Measured using an 8b/10b
pattern with 50% transition
density
20
mVRMS
VTX-AC-
CM_HBR2
TX AC common mode voltage for
HBR2
30
mVRMS
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com