Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX2023 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 17Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
14
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Symbol
Parameter
Min.
Typ.
Max.
Units
IIL
Input Low current
-75
uA
Rext
External resistance connects to GND (+/-5%)
64.6
68
71.4
IN_HPD Input Pins
VIH
DC input logic high
2
V
VIL
DC input logic low
0.8
V
Rin
Termination to GND
100
Control Pin Specifications Cont.
VCM
V
DIFF
V
DIFFP-P
V
DIFFP-P
DIFFp-p
Common Mode Voltage
V
CM = (|VD+ + VD-| / 2)
V
D+
V
D-
V
CMP = (max |VD+ + VD-| / 2)
Symmetric Di erential Swing
V
DIFFp-p = (2 * max |VD+ - VD-|)
Asymmetric Di erential Swing
V
DIFFp-p = (max |VD+ - VD-| {VD+ > VD-}
+ max |V
D+ - VD-| {VD+ < VD-})
0V
tPHL
tPLH
0V
tf
tr
20%
20%
80%
80%
Figure 4. Definition of Peak-to-peak Differential Voltage
Host(APU/CPU)
ReDriver
NEXT
Xtalk
TX channel
RX channel
Device
VIN
VIN
VOUT
AP_RXA
EQ=H
CON_RXB
EQ=H
AP_TXB
output swing
= 1V (0dBV)
CON_TXA
VOUT
Figure 5. NEXT Crosstalk Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com