Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7375 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7375 Datasheet HTML 6Page - Diodes Incorporated AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated AP7375 Datasheet HTML 10Page - Diodes Incorporated AP7375 Datasheet HTML 11Page - Diodes Incorporated AP7375 Datasheet HTML 12Page - Diodes Incorporated AP7375 Datasheet HTML 13Page - Diodes Incorporated AP7375 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
10 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Ordering Information
AP7375 - XX XX - XX
Packing
13/7: Tape & Re el
Output Voltage
18 : 1.8V
30 : 3.0V
33 : 3.3V
50 : 5.0V
Package
SA : SO T2 3
Y : SOT89
W5 : S OT25
Part Number
Package Code
Package
7
”/13” Tape and Reel/Ammo
Quantity
Part Number Suffix
AP7375-XXSA-7
SA
SOT23
3000/Tape & Reel
-7
AP7375-XXY-13
Y
SOT89
2500/Tape & Reel
-13
AP7375-XXW5-7
W5
SOT25
3000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com