Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7375 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated AP7375 Datasheet HTML 10Page - Diodes Incorporated AP7375 Datasheet HTML 11Page - Diodes Incorporated AP7375 Datasheet HTML 12Page - Diodes Incorporated AP7375 Datasheet HTML 13Page - Diodes Incorporated AP7375 Datasheet HTML 14Page - Diodes Incorporated AP7375 Datasheet HTML 15Page - Diodes Incorporated AP7375 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
12 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Marking Information
(1)
SOT23
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
1
2
3
XXX
Y W X
Part Number
Package
Identification Code
AP7375-18SA-7
SOT23
H5A
AP7375-30SA-7
SOT23
H5B
AP7375-33SA-7
SOT23
H5C
AP7375-50SA-7
SOT23
H5D
(2)
SOT89
1
3
2
XXX
Y W X
XXX : Identification code
(Top View)
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
Part Number
Package
Identification Code
AP7375-18Y-13
SOT89
H5A
AP7375-30Y-13
SOT89
H5B
AP7375-33Y-13
SOT89
H5C
AP7375-50Y-13
SOT89
H5D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com