Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7375 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7375 Datasheet HTML 10Page - Diodes Incorporated AP7375 Datasheet HTML 11Page - Diodes Incorporated AP7375 Datasheet HTML 12Page - Diodes Incorporated AP7375 Datasheet HTML 13Page - Diodes Incorporated AP7375 Datasheet HTML 14Page - Diodes Incorporated AP7375 Datasheet HTML 15Page - Diodes Incorporated AP7375 Datasheet HTML 16Page - Diodes Incorporated AP7375 Datasheet HTML 17Page - Diodes Incorporated AP7375 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
14 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT23
J
K1
K
L1
GAUGE PLANE
0.25
H
L
M
All 7°
A
C
B
D
G
F
a
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
0°
8°
--
All Dimensions in mm
(2)
SOT89
E
H
D1
B
e
c
L
A
D
8° (
4X)
R0.
200
D2
E2
z
L1
B1
H1
TOP VIEW
BOTTOM VIEW
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.327 0.527
0.427
z
0.20
0.40
0.30
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com