Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7708 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Rev. B 04/15
23
TFS7701-7708
www.power.com
2. Efficiency of 80% at full load, minimum nominal input.
3. Minimum data sheet value of I2f.
4. Transformer primary inductance tolerance of ±10%.
5. Reflected output voltage (V
OR) of 100 V.
6. Voltage only output of 5 V with a Schottky diode.
7. Continuous conduction mode operation with transient
K
P* value of 0.25.
8. Highest standby current limit selection.
9. Heat sink max temperature is 95 °C.
*Below a value of 1, K
P is the ratio of ripple to peak primary
current. A transient K
P limit of ≥0.25 is recommended to
prevent reduced power capability due to premature termination
of switching cycles. Due to the initial current limit (I
INIT) being
exceeded at MOSFET turn-on.
Reducing No-Load Consumption
The BYPASS pin can be powered from the internal high-voltage
current source from the HIGH-SIDE DRAIN pin, but R16 (7.5 k
W)
in Figure 30 will reduce no-load consumption by providing the
BYPASS pin current from a lower voltage and inhibiting the
internal high-voltage current source.
Audible Noise
Standard dip varnishing on the standby transformer will prevent
the possibility of audible noise in the standby converter.
Additionally, the peak core flux density should be kept below
3000 Gauss (300 mT). Vacuum impregnation of the transformer
is not recommended because it will increase standby no-load
losses due to the increased primary capacitance. Higher flux
densities are possible, however careful evaluation of the audible
noise performance should be made using production transformer
samples before approving the design. Ceramic capacitors that
use dielectrics such as Z5U, when used in clamp circuits with
high ripple voltage, may also generate audio noise. If this is the
case, try replacing them with a capacitor having a different
dielectric or construction, for example a film type.
Recommended First-Time Power-Up Procedure
Place a small, fast-blow low-capacity fuse between the bulk
capacitor and the HiperTFS-2 circuitry. Use a current-limited
bench power supply to power the HiperTFS-2 converter instead
of using the PFC or the AC mains. Be careful using a
programmable bench AC source in DC mode, because when
they are loaded with a large bulk capacitor and their output is
turned off, the output of the AC source can undershoot to a
negative voltage and damage the HiperTFS-2. If a remote-on
circuit is present, keep it OFF so that only the standby will run.
Place a voltage and current probe on the STANDBY DRAIN pin.
Raise the bulk capacitor voltage slowly until the standby turns
on. Check for proper waveforms (peak voltage, and check for
core saturation) and for output regulation. Check the VAUX
voltage. Check for over-heating components. Slowly increase
the load and the input voltage. Check for over-heating
components again.
Place voltage probes on DRAIN and HIGH-SIDE SOURCE pins.
Place current probe in DRAIN pin. If a remote-on circuit is
present turn remote to ON. Keep input voltage below UV start
threshold (typically 330 V). Slowly increase input voltage until
main converter starts. Check for proper waveforms and for
output regulation. Check for over-heating components,
especially the Drain clamp diode, and associated snubber
components. Slowly increase input voltage and load. Check
for over-heating components again.
Quick Design Checklist
Flyback
1. Maximum standby drain voltage – Verify that DSB voltage
does not exceed 675 V at highest input voltage and peak
(overload) output power. This 50 V margin to the 725 V
BVDSS specification gives margin for unit-to-unit variation.
2. Maximum DSB current – At maximum ambient temperature,
maximum input voltage and peak output (overload) power,
verify Standby Drain current waveforms for any signs of
transformer saturation and excessive leading edge current
spikes at start-up. Repeat under steady-state conditions
and verify that the leading edge current spike event is below
I
LIMIT(N)(MIN) at the end of the tLEB(MIN). Under all conditions, the
maximum Standby Drain current should be below the
specified absolute maximum ratings.
3. Thermal check – With main converter off (and any system
fans are also off), at specified maximum output power,
minimum input voltage and maximum ambient temperature,
verify that the temperature specifications are not exceeded
for the HiperTFS-2, transformer, output diode, and output
capacitors.
Main (Forward) Converter
Examine the voltage and current at 20% load and nominal input
voltage. Measure and check the following:
Switching frequency
Duty cycle
Peak voltage
Repeat the measurements at full load. Be cautious of over-
heating the power supply and use a strong fan. Measure the
source voltage (HS) of the high-side MOSFET at turn-on for
each steady-state switch cycle (Figure 28). It should be < 40%
of the bulk voltage. Calculate and verify the K
P from the current
waveform and verify with the spreadsheet. Also check the peak
current at peak load – do not dwell at peak load for more than
several seconds to prevent over-heating.
Check for any oscillation visible in the Drain current envelope.
Start-Up
Examine the start-up voltage and current. The peak start-up
current should be close to the I
LIMIT of the device. Examine the
output voltage monotonicity. Check for the high-side misfiring
during start-up. If the bootstrap diode is omitted (66 kHz only),
the VDDH capacitor should be ≥4.7
mF to prevent misfiring.
Start-up should be acceptable with either the remote-on/off
switch, or by bringing up the HVDC supply with remote-on already
asserted. Check startup at maximum expected input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com