Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7708 Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 12Page - Power Integrations, Inc. 7708 Datasheet HTML 13Page - Power Integrations, Inc. 7708 Datasheet HTML 14Page - Power Integrations, Inc. 7708 Datasheet HTML 15Page - Power Integrations, Inc. 7708 Datasheet HTML 16Page - Power Integrations, Inc. 7708 Datasheet HTML 17Page - Power Integrations, Inc. 7708 Datasheet HTML 18Page - Power Integrations, Inc. 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Rev. B 04/15
16
TFS7701-7708
www.power.com
Figure 15. Standard Values for Clamp-to-Rail Scheme. These Work Well for all Power Ranges and both 66 and 132 kHz. Using Standard Recovery Diodes for CR2 and
CR3 Allow for Partial Recycling of Leakage Inductance Energy and Improve Efficiency. R1 and R2 Limit Peak Reverse Current and Provide Some High
Frequency Damping, and R3 Allows VZ1 to Work as a “Bleed” Instead of a Hard Clamp, to Improve Efficiency.
HD
HS
D
G
S
HiperTFS-2 VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-7019-102513
R1
4.7
B+
R2
2.2
C1
2.2 nF
D2
1N4007G
D3
1N4007G
D1
UF4007
R3
100
VZ1
150 V
Standby
Primary
Main
Primary
B-
Output Choke
The use of iron powder (lower cost) or Sendust (“Kool-Mu”,
higher efficiency) core material is recommended. The
inductance of a powdered iron or Sendust core varies
significantly with load. At light load the inductance is much
higher than at full load, which allows a forward converter to
remain in continuous conduction mode (CCM), down to very
light load.
For multiple outputs the inductor turns ratio should be the same
as the main transformer secondary. Spreading the windings
equally throughout the toroid improves coupling and cross-
regulation.
Output Capacitors
The output capacitors in a forward converter do not see high
AC ripple currents. Very-low ESR capacitors are not necessary.
However the ESR of the capacitors have a direct effect on
output ripple voltage (if no post-filter is used) and on fast load-
transient response. The capacitance has an effect on medium-
speed load-transient response. Polymer (solid electrolyte)
capacitors are not necessary but can be used for output
capacitors if very small size is required. However, their small
capacitance may require an additional, low-cost (moderate
ESR) electrolytic capacitor in parallel, to maintain sufficient
capacitance for loop stabilization and transient response.
Standby Mode Consumption
To improve the standby converter’s light load efficiency, a 7.5 k
W
bias resistor should be connected from V
AUX to the BYPASS pin.
This will turn off the internal high-voltage current source that
otherwise powers the BYPASS pin.
Heat Sinking
The HiperTFS-2 package is eSIP-16F. There is a metal exposed
pad that provides a low thermal resistance path to the heat sink
for the low-side main MOSFET and standby power MOSFET.
There is also an over-molded, electrically isolated section on the
back of the package that provides isolation between the heat
sink and the internal high-side main MOSFET. The heat sink
temperature behind the device should not exceed 95 °C to
provide sufficient thermal margin to avoid activating over-
temperature shutdown. The device does not require Insulation
pad (SIL pad). See Power Integrations’ website “Mounting with
Plastic and Metal Clips”. Clip to provide 20N of clamping force
(15N min, 50N max). Thermal heat sink compound is required
for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com