Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7708 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  7708 Datasheet HTML 1Page - Power Integrations, Inc. 7708 Datasheet HTML 2Page - Power Integrations, Inc. 7708 Datasheet HTML 3Page - Power Integrations, Inc. 7708 Datasheet HTML 4Page - Power Integrations, Inc. 7708 Datasheet HTML 5Page - Power Integrations, Inc. 7708 Datasheet HTML 6Page - Power Integrations, Inc. 7708 Datasheet HTML 7Page - Power Integrations, Inc. 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TFS7701-7708
HiperTFS-2 Family
www.power.com
April 2015
Combined Two-Switch Forward and Flyback Power Supply Controllers
with Integrated High-Voltage MOSFETs
This Product is Covered by Patents and/or Pending Patent Applications.
Figure 1.
Schematic of Two-Switch Forward and Flyback Converter.
Product Enhancements
Selectable 132 kHz main switching frequency for lower cost
and smaller magnetics
Increased main peak power vs. HiperTFS-1
Self-biased high-side driver eliminates high-side bias winding
and diode
Package lead form and pinout modified for easier insertion and
PC-board layout
Tighter UV
(ON) standby threshold tolerance
Improved standby no-load performance
Key Benefits
Single IC solution for two-switch forward main (66 kHz/132 kHz)
and flyback (132 kHz) standby
High integration allows smaller form factor and higher power
density designs, with reduced component count
Incorporates control, gate drivers, and three power MOSFETs
Level shift technology eliminates need for pulse transformer
Protection features include: UV, OV, OTP, OVP, standby OPC,
SCP, and I
LIMIT
Transformer reset control, prevents saturation under all conditions
Main duty cycle operation above 50% for reduced rms currents
and lower output diode voltage rating
Less than 10% variation in standby overload power over input
voltage range
Up to 586 W peak output power in a highly compact package
>90% efficiency at full load
Simple clip mounting to heat sink without need for insulation pad
Halogen free and RoHS compliant
Typical Applications
PC (80 PLUS® Bronze and 80 PLUS Silver)
Printer
LCD TV
Video game consoles
High-power adapters
Industrial and appliance
Output Power Table
Product3
Two-Switch Forward
380 V
Flyback
100 V - 400 V
Continuous1
(50 °C)
Peak2
Continuous
(50 °C)
TFS7701H
148 W
187 W
20 W
TFS7702H
190 W
297 W
20 W
TFS7703H
229 W
375 W
20 W
TFS7704H
251 W
419 W
20 W
TFS7705H
269 W
466 W
20 W
TFS7706H
298 W
513 W
20 W
TFS7707H
322 W
553 W
20 W
TFS7708H
343 W
586 W
20 W
Table 1. Output Power Table.
Notes:
1. Maximum practical continuous power in an open frame design with adequate
heat sinking to maintain a heat sink temperature ≤95 ºC (see Key Applications
Considerations for more information) measured at specified ambient temperature.
2 Peak load less than 10 seconds and average power less than maximum
continuous load.
3. Package: eSIP-16F. (Note: Direct attach to heat sink, does not require insulation
SIL pad).
HD
DC Input
(VDC)
Main
Output
Standby
Output
RTN
G
S
HiperTFS-2 VDDH
L
FB
FB
EN
EN
BP
DSB
EN
FB
R
D
HS
PI-7078-082213
Two-Switch
Forward
Transformer
Standby Flyback
Transformer
*Simplied feedback circuit
*
*
*
*
+
Figure 2.
Package Option.
eSIP-16F (H Package)


Similar Part No. - 7708

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7708-1 WINCHESTER-7708-1 Datasheet
53Kb / 1P
RETRO-FIT ASSY
7708-2 WINCHESTER-7708-2 Datasheet
53Kb / 1P
RETRO-FIT ASSY
logo
OEN India Limited
7708-2C OENINDIA-7708-2C Datasheet
80Kb / 1P
MINIATURE CRADLE RELAY
logo
Winchester Electronics ...
7708-3 WINCHESTER-7708-3 Datasheet
52Kb / 1P
RETRO-FIT ASSY
7708-4 WINCHESTER-7708-4 Datasheet
51Kb / 1P
RETRO-FIT ASSY
More results

Similar Description - 7708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042 Datasheet
335Kb / 22P
Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Rev 2; 6/04
MAX5953A MAXIM-MAX5953A Datasheet
500Kb / 27P
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Rev 1; 7/06
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
logo
Texas Instruments
LM5015 TI1-LM5015_14 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
TFS757 POWERINT-TFS757_V01 Datasheet
3Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
April 2015
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com