Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7708 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  7708 Datasheet HTML 1Page - Power Integrations, Inc. 7708 Datasheet HTML 2Page - Power Integrations, Inc. 7708 Datasheet HTML 3Page - Power Integrations, Inc. 7708 Datasheet HTML 4Page - Power Integrations, Inc. 7708 Datasheet HTML 5Page - Power Integrations, Inc. 7708 Datasheet HTML 6Page - Power Integrations, Inc. 7708 Datasheet HTML 7Page - Power Integrations, Inc. 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Rev. B 04/15
3
TFS7701-7708
www.power.com
Description
The HiperTFS-2 device family members incorporate both a
high-power two-switch-forward converter and a mid-power
flyback (standby) converter into a single, low-profile eSIP™
power package. The single chip solution provides the controllers
for the two-switch-forward and flyback converters, high- and
low-side drivers, all three of the high-voltage power MOSFETs,
and eliminates the converter’s need for costly external pulse
transformers. The device is ideal for high power applications
that require both a main power converter (two-switch forward)
up to 586 W peak, and standby converter (flyback) up to 20 W.
HiperTFS-2 includes Power Integrations’ standard set of
comprehensive protection features, such as integrated soft-
start, fault and overload protection, and hysteretic thermal
shutdown. HiperTFS-2 utilizes advanced power packaging
technology that simplifies the complexity of two-switch forward
layout, mounting and thermal management, while providing very
high power capabilities in a single compact package. The
devices operate over a wide input voltage range, and can be
used following a power-factor correction stage such as HiperPFS.
Two-switch-forward power converters are often selected for
applications demanding cost-effective converters that have high
efficiency, fast transient response, and high rejection to line
voltage variation. The two-switch-forward controller
incorporated into HiperTFS-2 devices improves on the classic
topology by allowing operation considerably above 50% duty
cycle. This improvement reduces RMS current conduction
losses, minimizes the size and cost of the bulk capacitor, and
minimizes output diode voltage ratings. The advanced design
also includes transformer flux reset control (saturation protection)
and charge-recovery switching of the high-side MOSFET, which
reduces switching losses. This combination of innovations
yields an extremely efficient power supply with smaller
MOSFETs, fewer passives and discrete components, and a
lower-cost smaller transformer.
HiperTFS-2’s flyback standby controller and MOSFET solution is
based on the highly popular TinySwitch™ technology used in
billions of power converter ICs due to its simplicity of operation,
light load efficiency, and rugged, reliable, performance. This
flyback converter can provide up to 20 W of output power and
the built-in overload power compensation reduces component
design margin.
Product Highlights
Protected Two-Switch Forward and Flyback
Combination Solution
Incorporates three high-voltage power MOSFETs, main and
standby controllers, and gate drivers
Level shift technology eliminates need for pulse transformer
Programmable line undervoltage (UV) detection prevents
turn-off glitches
Programmable line overvoltage (OV) detection; latching and
non-latching
Accurate hysteretic thermal shutdown (OTP)
Accurate selectable cycle-by-cycle current limit (main and
standby)
Line compensated standby MOSFET current limit for
standby over power compensation (OPC)
Fully integrated soft-start to minimize start-up stress
Simple fast AC reset
Reduced EMI
Synchronized 66/132 kHz forward and 132 kHz flyback
converters
Frequency jitter
Eliminates up to 30 discrete components for higher reliability
and lower cost
Asymmetrical Two-Switch Forward Reduces Losses
Allows >50% duty cycle operation
Reduces primary-side RMS currents and conduction losses
Minimizes the size and cost of the bulk capacitor
Allows reduced capacitance or longer hold-up time
Allows lower voltage output diodes for higher efficiency
Transformer reset control
Prevents transformer saturation under all conditions
Extends duty cycle to satisfy AC cycle drop out ride through
Duty cycle soft-start
Satisfies 2 ms ~ 20 ms start-up with large capacitance at
output
Self-biased high-side driver eliminates high-side bias winding
(66 kHz)
Remote-on/off function
Voltage-mode controller with current limit
20 W Flyback with Selectable Power Limit
TinySwitch-III based converter
Selectable power limit (10 W, 12.5 W, 15 W, 20 W)
Built-in overload power compensation (OPC)
Flat overload power vs. input voltage
Reduces component stress during overload conditions
Reduces required design margin for transformer and output
diode
Output overvoltage (OVP) protection with fast AC reset
Latching, non-latching, or auto-restart
Output short-circuit protection (SCP) with auto-restart
Advanced Package for High Power Applications
Up to 586 W peak output power capability in a highly
compact package
Simple clip mounting to heat sink
Can be directly connected to heat sink without insulation pad
Provides lower thermal resistance than a TO-220
Heat slug connected to ground potential for low EMI
Two row lead form for easy insertion into PC-board
Single power package for two power converters reduces
assembly costs and layout size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com