Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # TOP249
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button TOP249 Datasheet HTML 19Page - Power Integrations, Inc. TOP249 Datasheet HTML 20Page - Power Integrations, Inc. TOP249 Datasheet HTML 21Page - Power Integrations, Inc. TOP249 Datasheet HTML 22Page - Power Integrations, Inc. TOP249 Datasheet HTML 23Page - Power Integrations, Inc. TOP249 Datasheet HTML 24Page - Power Integrations, Inc. TOP249 Datasheet HTML 25Page - Power Integrations, Inc. TOP249 Datasheet HTML 26Page - Power Integrations, Inc. TOP249 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Rev. R 10/20
23
TOP242-250
www.power.com
and thus ensuring that the output voltage reaches
regulation at start-up under low line, full load conditions.
Resistor R9 provides a discharge path for C14. Capacitor
C13 and R8 provide control loop compensation and are
required due to the gain associated with such a high output
voltage.
Sufficient heat sinking is required to keep the TOPSwitch-GX
device below 110
°C when operating under full load, low
line and maximum ambient temperature. Airflow may also
be required if a large heat sink area is not acceptable.
Multiple Output, 60 W, 185-265 VAC Input
Power Supply
Figure 44 shows a multiple output supply typical for high
end set-top boxes or cable decoders containing high
capacity hard disks for recording. The supply delivers an
output power of 45 W continuous/60 W peak (thermally
limited) from an input voltage of 185 VAC to 265 VAC.
Efficiency at 45 W, 185 VAC is ≥ 75%.
The 3.3 V and 5 V outputs are regulated to ±5% without
the need for secondary linear regulators. DC stacking (the
secondary winding reference for the other output voltages
is connected to the cathode of D10 rather than the anode)
is used to minimize the voltage error for the higher voltage
outputs.
Due to the high ambient operating temperature requirement
typical of a set-top box (60
°C), the TOP246Y is used to
reduce conduction losses and minimize heat sink size.
Resistor R2 sets the device current limit to 80% of typical
to limit overload power. The line sense resistor (R1)
protects the TOPSwitch-GX from line surges and transients
by sensing when the DC rail voltage rises to above 450
V. In this condition the TOPSwitch-GX stops switching,
extending the input voltage withstand to 496 VAC, which
is ideal for countries with poor power quality. A thermistor
(RT1) is used to prevent premature failure of the fuse by
limiting the inrush current (due to the relatively large size of
C2). An optional MOV (RV1) extends the differential surge
protection to 6 kV from 4 kV.
Leakage inductance clamping is provided by VR1, R5
and C5, keeping the DRAIN voltage below 700 V under
all conditions. Resistor R5 and capacitor C5 are selected
such that VR1 dissipates very little power except during
overload conditions. The frequency jittering feature of
TOPSwitch-GX allows the circuit shown to meet CISPR22B
with simple EMI filtering (C1, L1 and C6) and the output
grounded.
The secondaries are rectified and smoothed by D7 to D11,
C7, C9, C11, C13, C14, C16 and C17. Diode D11 for the
3.3 V output is a Schottky diode to maximize efficiency.
Figure 44. 60 W Multiple Output Power Supply using TOP246.
D6
1N4148
D7
UF4003
D8
UF5402
D9
UF5402
D11
MBR1045
D10
BYV32-200
T1
U2
LTV817
U3
TL431
C20
22
µF
10 V
R7
150
Ω
R12
10 k
C19
0.1
µF
R11
9.53
k
Ω
R10
15.0
k
Ω
R9
3.3 k
Ω
R8
1 k
Ω
C6
2.2 nF
Y1
C7
47
µF
50 V
C9
330
µF
25 V
C11
390
µF
35 V
C14
1000
µF
25 V
30 V @
0.03 A
18 V @
0.5 A
12 V @
0.6 A
5 V @
3.2 A
3.3 V @
3 A
RTN
D1-D4
1N4007 V
F1
3.15 A
RV1
275 V
14 mm
J1
L1
20 mH
0.8A
L
N
R3
6.8
Ω
C5
47
µF
10 V
TOP246Y
U1
DL
S
C
TOPSwitch-GX
R1
2 M
Ω
1/2 W
R5
68 k
Ω
2 W
R6
10
Ω
RT1
10
Ω
1.7 A
C2
68
µF
400 V
C5
1 nF
400 V
C3
1
µF
50 V
C1
0.1
µF
X1
PI-2693-081704
CONTROL
CONTROL
C3
0.1
µF
50 V
XF
D6
1N4937
VR1
P6KE170
C16
1000
µF
25 V
C13
1000
µF
25 V
C17
1000
µF
25 V
C15
220
µF
16 V
C18
220
µF
16 V
C12
100
µF
25 V
C10
100
µF
25 V
C8
10
µF
50 V
L2
3.3
µH
3A
L3
3.3
µH
3A
L4
3.3
µH
5A
L5
3.3
µH
5A
PERFORMANCE SUMMARY
Output Power:
45 W Cont./60 W Peak
Regulation:
3.3 V:
± 5%
5 V:
± 5%
12 V:
± 7%
18 V:
± 7%
30 V:
± 8%
Efficiency:
≥75%
No Load Consumption:
0.6 W
R2
9.08 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com