Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP249
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP249 Datasheet HTML 6Page - Power Integrations, Inc. TOP249 Datasheet HTML 7Page - Power Integrations, Inc. TOP249 Datasheet HTML 8Page - Power Integrations, Inc. TOP249 Datasheet HTML 9Page - Power Integrations, Inc. TOP249 Datasheet HTML 10Page - Power Integrations, Inc. TOP249 Datasheet HTML 11Page - Power Integrations, Inc. TOP249 Datasheet HTML 12Page - Power Integrations, Inc. TOP249 Datasheet HTML 13Page - Power Integrations, Inc. TOP249 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Rev. R 10/20
10
TOP242-250
www.power.com
Table 2. Typical LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Configurations.
resumes providing automatic recovery. A large hysteresis of
70
°C (typical) is provided to prevent overheating of the PC
board due to a continuous fault condition. V
C is regulated
in hysteretic mode and a 4.8 V to 5.8 V (typical) sawtooth
waveform is present on the CONTROL pin while in thermal
shutdown.
Bandgap Reference
All critical TOPSwitch-GX internal voltages are derived
from a temperature-compensated bandgap reference.
This reference is also used to generate a temperature-
compensated current reference, which is trimmed to
accurately set the switching frequency, MOSFET gate
drive current, current limit, and the line OV/UV thresholds.
TOPSwitch-GX has improved circuitry to maintain all of the
above critical parameters within very tight absolute and
temperature tolerances.
High-Voltage Bias Current Source
This current source biases TOPSwitch-GX from the DRAIN
pin and charges the CONTROL pin external capacitance
during start-up or hysteretic operation. Hysteretic operation
occurs during auto-restart, remote OFF and over-temp-
erature shutdown. In this mode of operation, the current
source is switched on and off with an effective duty cycle of
approximately 35%. This duty cycle is determined by the
ratio of CONTROL pin charge (I
C) and discharge currents
(I
CD1 and ICD2). This current source is turned off during normal
operation when the output MOSFET is switching. The effect
of the current source switching will be seen on the DRAIN
voltage waveform as small disturbances and is normal.
Using Feature Pins
FREQUENCY (F) Pin Operation
The FREQUENCY pin is a digital input pin available in the
Y, R or F package only. Shorting the FREQUENCY pin to
SOURCE pin selects the nominal switching frequency of
132 kHz (Figure 13), which is suited for most applications.
For other cases that may benefit from lower switching
frequency such as noise sensitive video applications, a
66 kHz switching frequency (half frequency) can be
selected by shorting the FREQUENCY pin to the CONTROL
pin (Figure 14). In addition, an example circuit shown in
Figure 15 may be used to lower the switching frequency
from 132 kHz in normal operation to 66 kHz in standby
mode for very low standby power consumption.
LINE-SENSE (L) Pin Operation (Y, R and F Packages)
When current is fed into the LINE-SENSE pin, it works as a
voltage source of approximately 2.6 V up to a maximum
current of +400
µA (typical). At +400 µA, this pin turns into
a constant current sink. Refer to Figure 12a. In addition, a
comparator with a threshold of 1 V is connected at the
pin and is used to detect when the pin is shorted to the
SOURCE pin.
There are a total of four functions available through the
use of the LINE-SENSE pin: OV, UV, line feed-forward
with DC
MAX reduction, and remote ON/OFF. Connecting
the LINE-SENSE pin to the SOURCE pin disables all
four functions. The LINE-SENSE pin is typically used for
line sensing by connecting a resistor from this pin to the
rectified DC high voltage bus to implement OV, UV and
DC
MAX reduction with line voltage. In this mode, the value
of the resistor determines the line OV/UV thresholds, and
the DC
MAX is reduced linearly with rectified DC high voltage
starting from just above the UV threshold. The pin can
also be used as a remote ON/OFF and a synchronization
input. Refer to Table 2 for possible combinations of the
functions with example circuits shown in Figure 16 through
Figure 40. A description of specific functions in terms of
the LINE-SENSE pin I/V characteristic is shown in Figure
11 (right hand side). The horizontal axis represents LINE-
SENSE pin current with positive polarity indicating currents
LINE-SENSE AND EXTERNAL CURRENT LIMIT PIN TABLE*
Figure Number
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Three Terminal Operation
3
Undervoltage
3
3
3
3
3
Overvoltage
3
3
3
3
3
Line Feed-Forward (DC
MAX)
3
3
3
3
Overload Power Limiting
3
External Current Limit
3
3
3
3
3
3
Remote ON/OFF
3
3
3
3
3
3
3
*This table is only a partial list of many LINE-SENSE and EXTERNAL CURRENT LIMIT pin configurations that are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com